Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
29
DATA SLICER
The M37271MF-XXXSP includes the data slicer function for the
closed caption decoder (referred to as the CCD). This function takes
out the caption data superimposed in the vertical blanking interval of
a composite video signal. A composite video signal which makes
the sync chip’s polarity negative is input to the CVIN pin.
When the data slicer function is not used, the data slicer circuit can
be cut off by setting bit 0 of the data slicer control register 1 (address
00EA16) to “0.” Also, the timing signal generating circuit can be cut
off by setting bit 0 of data slicer control register 2 (address 00EB16)
to “0.” These settings can realize the low-power dissipation.
Fig. 22. Data slicer block diagram
10 0
00 00 10 1
Composite
video
signal
Hundred of kiloohms
to 1 M
Ω
Sync pulse counter
register
(address 020F16)
Clock run-in register 2
(address 00E716)
Data slicer control register 2
(address 00EB16)
Data slicer control register 1
(address 00EA16)
Window register
(address 00E216)
Clock run-in register 1
(address 00E616)
Caption position register
(address 00E016)
Start bit position register
(address 00E116)
Clock run-in detect register 1
(address 00E816)
Clock run-in detect register 2
(address 00E916)
Interrupt request
generating circuit
Data slicer
interrupt
request
Synchronizing
signal counter
Synchronizing
separation
circuit
Sync slice
circuit
Clamping
circuit
Low-pass
filter
Timing signal
generating
circuit
Clock run-in
determination
circuit
Data slice line
specification
circuit
Start bit detecting
circuit
Data clock
generating circuit
16-bit shift register
Data register 1
(address 00E416)
Data register 2
(address 00E516)
Sync slice register 3
(address
00E316)
Data bus
Comparator
0
1
0 111
00 0
00 0
00
0 10 1
0.1
µF
470
Ω
560 pF
CVIN
1
µF
1 k
Ω
200 pF
15 k
Ω
HSYNC
HLF
RVCO
+
–
Reference
voltage
generating
circuit
VHOLD
1000 pF
high-order
low-order
Data slicer ON/OFF
Data register 4
(address 00ED16)
Data register 3
(address 00EC16)
Data slicer control
register 3
(address 021016)
Clock run-in detect
register 3
(address 020816)
Clock run-in
register 3
(address 020916)
External circuit
Note: Make the length of wiring which is
connected to VHOLD, HLF, RVCO
and CVIN pin as short as possible
so that a leakage current may
not be generated when mounting
a resistor or a capacitor on each
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com