Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 71 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 71 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
71
Bit 4 of OSD control register
Bit 7 of block control register
Bit 4 of color code 1
OUT1 output signal
OUT2 output signal
Notes 1 : Blank is disabled on the left side of the 1st character and
on the right side of the 40th character of each block.
2 : When using this function, set “00916” to the 40th character.
(12) Automatic Solid Space Function
This function generates automatically the solid space (OUT1 or OUT2
blank output) of the character area in the CC mode.
The solid space is output in the following area :
· the character area except character code “00916 ”
· the character area on the left and right sides of the character area
except character code “00916 ”
This function is turned on and off by bit 4 of the OSD control register
(refer to Figure 52).
0
01
Character
Character
font part
display
area
OFF
Table 18. Setting for automatic solid space
0
1
01
Character
font part
OFF
Character
display
area
0
01
Solid
space
OFF
1
1
01
Character
font part
Solid
space
Fig. 79. Display screen example of automatic solid space
009 005 009 009 009 006 006
16
16
16
16
16
16
16
006 009
16
16
• • •
• • •
009
16
009
16
When setting the character code “005 16” as the character A, “006 16” as the character B.
(Display memory)
Character to be displayed
(Display screen)
1st
character
2nd
character
(Note 1)
No blank output
39th
character
40th
character
(Note 2)(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com