Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 73 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 73 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
73
Fig. 82. Structure of window L registers
Fig. 81. Structure of window H registers
Window L register 1
(WL1 : address 021D )
Control bits of window bottom boundary (Note)
Bottom boundary position (low-order 8bits)
TH!(setting value of low-order 2bits of
WL2!16 +setting value of high-order
4bits of WL1!16 +setting value of
low-order 4bits of WL1 !16 )
2
0
1
Window L register 2
(WL2 : address 021F )
Control bits of window bottom boundary (Note)
Bottom boundary position (high-order 2bits)
TH!(setting value of low-order 2bits of
WL2!16 +setting value of high-order
4bits of WL1!16 +setting value of
low-order 4bits of WL1!16 )
2
0
1
Note : Set values fit for the following condition : (WH1+WH2)
< (WL1+WL2).
16
16
Window H register 1
(WH1 : address 021C )
Control bits of window top boundary (Note)
Top boundary position (low-order 8bits)
TH!(setting value of low-order 2bits of
WH2!16 +setting value of high-order
4bits of WH1!16 +setting value of
low-order 4bits of WH1 !16 )
2
0
1
Window H register 2
(WH2 : address 021E )
Control bits of window top boundary (Note)
Top boundary position (high-order 2bits)
TH!(setting value of low-order 2bits of
WH2!16 +setting value of high-order
4bits of WH1!16 +setting value of
low-order 4bits of WH1 !16 )
2
0
1
Note : Set values except “00 16” and “0116” to the WH1 when the WH2 is “00 16.”
16
16
7
0
7
0
7
0
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com