Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 77 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 77 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
77
Fig. 88. Setting value of interrpt interval determination control
register and measuring interval
Fig. 86. Block diagram of interrupt interval determination circuit
Fig. 87. Structure of interrupt interval determination control
register
RE5
0
0
1
1
REi
0
1
0
1
INT1 or INT2 input
Count interval
REi : Bit i (i = 3, 4) of interrupt interval determination
control register (address 021116)
8
Data bus
Control
circuit
Connected to
black colored
side at rest.
Selection gate :
(Address 021116)
32
µs
RE1
16
µs
8-bit binary up counter (8)
Interrupt interval determination register(8)
RE0
8
INT1 (Note)
RE2
INT2 (Note)
Note: The pulse width of external interrupt INT1 and INT2 needs 5 or more machine cycles.
RE: Input interval determination control register
0
7
Interrupt interval determination
control register
(RE : address 021216)
Interrupt interval determination
circuit operation control bit
0 : Stopped
1 : Operating
External interrupt input pin
selection bit
0 : INT1 input
1 : INT2 input
INT1 pin input polarity switch bit
0 : Positive polarity input
1 : Negative polarity input
INT2 pin input polarity switch bit
0 : Positive polarity input
1 : Negative polarity input
Interrupt interval determination mode
switch bit
0 : Interrupt interval determination
mode
1 : Pulse width determination mode
Reference clock control selection
bit
(at f(XIN) = 8MHz)
0 : 32
µs
1 : 16
µs
INT3 pin input polarity switch bit
0 : Positive polarity input
1 : Negative polarity input
A-D conversion · INT3 interrupt
source selection bit
0 : INT3 interrupt
1 : A-D conversion interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com