Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 75 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 75 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
75
(16) Raster Coloring Function
An entire screen (raster) can be colored by setting the bits 6 to 0 of
the raster color register. Since each of the R, G, B, I1, I2, OUT1, and
OUT2 pins can be switched to raster coloring output, 7 raster colors
can be obtained.
If the OUT1 pin has been set to raster coloring output, a raster color-
ing signal is always output during 1 horizontal scanning period. This
setting is necessary for erasing a background TV image.
If the R, G, B, I1, and I2 pins have been set to output, a raster color-
ing signal is output in the part except a no-raster colored character
(in Figure 85, a character “1”) during 1 horizontal scanning period.
This ensures that character colors are not mixed with the raster color.
The structure of the raster color register is shown in Figure 84, the
example of raster coloring is shown in Figure 85.
Fig. 84. Structure of raster color register
Fig. 85. Example of raster coloring
HSYNC
A'
A
OUT1
R
G
B
: Character color “RED” (R)
: Border color “GREEN” (G)
: Background color “MAGENTA” (R and B)
: Raster color “BLUE” (R and OUT1)
Signals
across
A-A'
70
Raster color register
(RC : address 021816)
Raster color R control bit
0 : No output
1 : Output
Raster color G control bit
0 : No output
1 : Output
Raster color B control bit
0 : No output
1 : Output
Raster color I1 control bit
0 : No output
1 : Output
Raster color I2 control bit
0 : No output
1 : Output
Raster color OUT1 control bit
0 : No output
1 : Output
Raster color OUT2 control bit
0 : No output
1 : Output
OSD interrupt source
selection bit
0 : Interrupt occurs at end
of OSD or EXOSD block
display
1 : Interrupt occurs at end
of CC mode block display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com