Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
11
Fig. 4. Memory map of special function register 1 (SFR2) (2)
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16 Data slicer control register 1 (DSC1)
Data register 3 (CD3)
A-D conversion register (AD)
A-D control register (ADCON)
Timer 1 (TM1)
Window register (WN)
Clock run-in register 1 (CR1)
Clock run-in register 2 (CR2)
Data register 1 (CD1)
Data register 2 (CD2)
Caption position register (CP)
Start bit position register (SP)
Timer 2 (TM2)
Timer 3 (TM3)
Timer 4 (TM4)
Timer mode register 1 (TM1)
Timer mode register 2 (TM2)
I2C
data shift register (S0)
I2C
control register (S1D)
I2C
clock control register (S2)
Interrupt request
register 1 (IREQ1)
Interrupt request
register 2 (IREQ2)
Interrupt control
register 1 (ICON1)
Interrupt control
register 2 (ICON2)
Clock run-in detect register 1 (CRD1)
Clock run-in detect register 2 (CRD2)
Data register 4 (CD4)
CPU mode
register (CPUM)
b7
b0
ADIN0
ADIN1
ADVREF
ADSTR
ADV
TM20
TM21
TM22
TM23
TM24
TM10
TM11
TM12
TM13
TM14
CM2
TM1R
TM2R
TM3R
TM4R
CRTR
VSCR
ADR
CK0
INT1R
DSR
SIOR
TM1E
TM2E
TM3E
TM4E
CRTE
VSCE
INT1E
DSE
SIOE
INT2E
TM25
b7
b0
CK0
0016
?
0
0
0?0
0
0
FF16
0716
FF16
0716
0
0
0
000
0
0
0
0
0
000
0
0
1
0
00
0
0
0
0
00
00
0
0
0
0
00
00
0
0
0
0
00
00
0
0
0
0
00
0
11
1
00
0
00
0
1
0
0
1
Sync slice register (SSL)
Data slicer control register 2 (DSC2)
I2C
status register (S1)
I2C
address register (S0D)
?
?
?
?
00
0
0
0
0
0
0016
?
TM15
TM16
TM17
TM26
TM27
?
SAD0
SAD1
SAD2
SAD3
SAD4
SAD5
SAD6
RBW
LRB
AD0
AAS
AL
PIN
BB
TRX
MST
BC0
BC1
BC2
ES0
ALS
10 BIT
SAD
BSEL0
BSEL1
CCR0
CCR1
CCR2
CCR3
CCR4
FAST
MODE
ACK
BIT
ACK
0016
0016
0016
0
0
00
0
1?
0
1MSR
INT2R
IICR
T56R
ADE
1MSE
IICE
T56E
T56S
CM0
CM1
CM7
CM5
CM6
DSC20
DSC21
DSC22
DSC25
DSC27
DSC10
DSC11
DSC12
DSC15
DSC17
0
00
0
0
0
1
1
SSL7
1
00
?
?
?
?
?
CP0
CP1
CP2
CP3
CP4
SP0
SP1
SP2
SP3
SP4
SP5
SP6
SP7
0016
0
00
0
0
0
0
0
WN0
WN1
WN2
WN3
WN4
WN5
CRD20
CRD21
CRD22
CRD25
CRD27 CRD25
CRD25 CRD25
1
00
1
1
1
1
0
CR21
CR11
0
10
1
00
00
0
00
0
0
0
0
0
CRD10
CRD11
CRD12
CRD15
CRD17 CRD15
CRD15 CRD15
1
: “1” immediately after reset
: Fix this bit to “0” ( do not write “1”)
: Nothing is allocated
sSFR1 area (addresses E016 to FF16)
Address
Register
: undefined immediately after reset
?
Bit allocation
State immediately after reset
: Fix this bit to “1” ( do not write “0”)
0
: “0” immediately after reset
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com