Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
22
PWM OUTPUT FUNCTION
The M37271MF-XXXSP is equipped with seven 8-bit PWMs (PWM0–
PWM6). PWM0–PWM6 have the same circuit structure and an 8-bit
resolution with minimum resolution bit width of 4
µs (for f(XIN) = 8
MHz) and repeat period of 1024
µs.
Figure 15 shows the PWM block diagram. The PWM timing generat-
ing circuit applies individual control signals to PWM0–PWM6 using
f(XIN) divided by 2 as a reference signal.
(1) Data Setting
When outputting PWM0–PWM6, set 8-bit output data in the PWMi
register (i means 0 to 6; addresses 020016 to 020616).
(2) Transmitting Data from Register to PWM circuit
Data transfer from the 8-bit PWM register to 8-bit PWM circuit is
executed at writing data to the register.
The signal output from the 8-bit PWM output pin corresponds to the
contents of this register.
(3) Operating of 8-bit PWM
The following is the explanation about PWM operation.
At first, set the bit 0 of PWM mode register 1 (address 020A16) to “0”
(at reset, bit 0 is already set to “0” automatically), so that the PWM
count source is supplied.
PWM0–PWM3 are also used as pins P04–P07, PWM4–PWM6 are
also used as pins P00–P02, respectively. Set the corresponding bits
of the port P0 direction register to “1” (output mode). And select each
output polarity by bit 3 of the PWM mode register 1 (address 020A16).
Then, set bits 7 to 0 of the PWM output control register 2 to “1”
(PWM output).
The PWM waveform is output from the PWM output pins by setting
these registers.
Figure 16 shows the 8-bit PWM timing. One cycle (T) is composed
of 256 (28) segments. The 8 kinds of pulses relative to the weight of
each bit (bits 0 to 7) are output inside the circuit during 1 cycle. Refer
to Figure 16 (a). The 8-bit PWM outputs waveform which is the logi-
cal sum (OR) of pulses corresponding to the contents of bits 0 to 7 of
the 8-bit PWM register. Several examples are shown in Figure 16
(b). 256 kinds of output (“H” level area: 0/256 to 255/256) are se-
lected by changing the contents of the PWM register. A length of
entirely “H” output cannot be output, i.e. 256/256.
(4) Output after Reset
At reset, the output of ports P00–P02 and P04–P07 is in the high-
impedance state, port P50 outputs “L,” and the contents of the PWM
register and the PWM circuit are undefined. Note that after reset, the
PWM output is undefined until setting the PWM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com