Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 35 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 35 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
35
2After a falling of the clock run-in pulse set in bits 2 to 0 of clock run-
in detect register 2 (address 00E916) is detected, a start bit is
detected by sampling a comparator output. A sampling clock for
sampling is obtained by dividing the reference clock generated in
the timing signal generating circuit by 13.
Figure 31 shows the structure of clock run-in detect register 2.
The contents of bits 2 to 0 of clock run-in detect register 2 and bit
1 of clock run-in register 2 are written at a falling of the horizontal
synchronizing signal. For this reason, even if an instruction for
setting is executed, the contents of the register cannot be rewritten
until a falling of the horizontal synchronizing signal.
Fig. 30. Structure of clock run-in register 2
(8) Clock run-in determination circuit
This circuit sets a window in the clock run-in portion in the composite
video signal, and then determinates clock run-in by counting the
number of pulses in this window. Set the time from a falling of the
horizontal synchronizing signal to a start of the window by bits 0 to 5
of the window register (address 00E216; refer to Figure 32). The
window ends according to the contents of the setting of the start bit
position register (refer to Figure 29).
Fig. 32. Structure of window register
70
1
Start bit detecting method
selection bit
0 : Method 1
1 : Method 2
Clock run-in register 2
(CR2 : address 00E716)
Fix this bit to “1”
Fix these bits to “1001112”
0 011 1
1
Fig. 31. Structure of clock run-in detect register 2
70
Window start time
Time from a falling of the
horizontal synchronizing signal
to a start of the window = 4 ! set
value (“0016” to “3F16”) ! reference
clock period
Window register
(WN : address 00E216)
Fix these bits to “0”
00
70
Clock run-in pulses for sampling
b2 b1 b0
0
0
0 : Not available
0
0
1 : 1st pulse
0
1
0 : 2nd pulse
0
1
1 : 3rd pulse
1
0
0 : 4th pulse
1
0
1 : 5th pulse
1
1
0 : 6th pulse
1
1
1 : 7th pulse
Clock run-in detect register 2
(CRD2 : address 00E916)
Data clock generating time
Time from detection of a start bit
to occurrence of a data clock
= (13 + set value) ! reference
clock period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com