Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 87 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 87 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
87
mA
mA
mA
µA
V
V
Max.
30
45
200
4
100
10
0.4
Limits
Power source current
“H” output voltage
R, G, B, OUT1, OUT2, P03,
P15–P17, P20–P27, P30, P31
“L” output voltage
R, G, B, OUT1, OUT2, SOUT,
SCLK, P00–P07, P15–P17,
P20–P27
“L” output voltage
P30, P31
“L” output voltage
P11–P14
Hysteresis
______
RESET
Hysteresis (Note 6)
HSYNC, VSYNC, P41–P44,
P46, P11–P14, P17
“H” input leak current
______
RESET, P03, P10–P17,
P20–P27, P30, P31, P40–P46,
P63, P64, HSYNC, VSYNC
“L” input leak current
______
RESET, P00–P07, P10–P17,
P20–P27, P30, P31, P40–P46,
P63, P64, HSYNC, VSYNC
“H” input leak current
P00–P02, P04–P07
I2C-BUS·BUS switch connection resistor
(between SCL1 and SCL2, SDA1 and SDA2)
Min.
2.4
ELECTRIC CHARACTERISTICS (VCC = 5 V
± 10 %, VSS = 0 V, f(XIN) = 8 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
ICC
VOH
VOL
Typ.
15
30
60
2
25
1
Symbol
Parameter
Test conditions
Unit
Wait mode
Stop mode
System operation
VCC = 5.5 V, f(XIN) = 0,
f(XCIN) = 32kHz,
OSD OFF, Data slicer OFF,
Low-power dissipation
mode set (CM5 = “0”,
CM6 = “1”)
VCC = 5.5 V, f(XIN) = 8 MHz
VCC = 5.5 V, f(XIN) = 0,
f(XCIN) = 32kHz,
Low-power dissipation
mode set (CM5 = “0”,
CM6 = “1”)
VCC = 5.5 V, f(XIN) = 0,
f(XCIN) = 0
VCC = 4.5 V
IOH = –0.5 mA
VCC = 4.5 V
IOL = 0.5 mA
CRT OFF
Data slicer OFF
CRT ON
Data slicer ON
VCC = 5.5 V,
f(XIN) = 8 MHz
0.5
0.5
3.0
0.4
0.6
0.7
1.3
5
5
10
130
VT+–VT–
IIZH
IIZL
IIZH
RBS
V
µA
µA
µA
Ω
VCC = 4.5 V
IOL = 10.0 mA
VCC = 4.5 V
IOL = 3 mA
IOL = 6 mA
VCC = 5.0 V
VCC = 5.0 V
VCC = 5.5 V
VI = 5.5 V
VCC = 5.5 V
VI = 0 V
VCC = 5.5 V
VI = 12 V
VCC = 4.5 V
Notes 1: The total current that flows out of the IC must be 20 or less.
2: The total input current to IC (IOL1 + IOL2 + IOL3) must be 20 mA or less.
3: The total average input current for ports P30, P31 to IC must be 10 mA or less.
4: Connect 0.1
µF or more capacitor externally across the power source pins VCC–VSS and AVCC–VSS so as to reduce power source
noise.
Also connect 0.1
µF or more capacitor externally across the pins VCC–CNVSS.
5: Use a quartz-crystal oscillator or a ceramic resonator for the CPU oscillation circuit. When using the data slicer, use 8 MHz.
6: P16, P41–P44 have the hysteresis when these pins are used as interrupt input pins or timer input pins. P11–P14 have the hysteresis
when these pins are used as multi-master I2C-BUS interface ports. P17 and P46 have the hysteresis when these pins are used as
serial I/O pins.
7: When using the sub-clock, set fCLK
< fCPU/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com