Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
28
[LSB]
[LSB]
(8) Definition of A-D Conversion Accuracy
The definition of A-D conversion accuracy is described below.
1Relative accuracy
· Zero transition error (V0T)
The deviation of the input voltage at which A-D conversion output
data changes from “0” to “1,” from the corresponding ideal A-D
conversion characteristics between 0 and VREF.
· Non-linearity error
The deviation of the actual A-D conversion characteristics, from the
ideal A-D conversion characteristics between V0 and V254.
(V0 –1/2 ! VREF/256)
1LSB
V0T =
(VREF – 3/2 ! VREF/256) – V254
1LSB
VFST =
Non-linearity error =
[LSB]
[LSB]
· Differential non-linearity error
The deviation of the input voltage required to change output data
by “1,” from the corresponding ideal A-D conversion characteris-
tics between 0 and VREF.
2Absolute accuracy
· Absolute accuracy error
The deviation of the actual A-D conversion characteristics, from the
ideal A-D conversion characteristics between 0 and VREF.
Vn – (1LSB ! n + V0)
1LSB
[LSB]
Differential non-linearity error =
(Vn+1 – Vn) – 1LSB
1LSB
Absolute accuracy error =
1LSBA with respect to absolute accuracy =
1LSB with respect to relative accuracy =
Note: The analog input voltage “Vn” at which A-D conversion output
data changes from “n” to “n + 1” (n ; 0 to 254) is as follows
(refer to Figure 18).
V254 – V0
254
VREF
256
[V]
[V]
Fig. 21. Definition of A-D conversion precision
· Full-scale transition error (VFST)
The deviation of the input voltage at which A-D conversion output
data changes from “255” to “254,” from the corresponding ideal A-
D conversion characteristics between 0 and VREF.
Vn – 1LSBA ! (n+1/2)
1LSBA
Output
data
0
Analog input
voltage (V)
V0
Vn Vn+1
V254
VREF
n
n+1
254
255
Zero transition error (V 0T)
Differential non-
linearity error
LSBA
Actual A-D
conversion
characteristics
1
2
3
2
V1
1LSB A
Ideal A-D conversion characteristics
between V0 and V254
LSBA
1LSB
Absolute accuracy
Non-linearity error
Full-scale transition error
(VFST)
1LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com