Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 90 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 90 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
90
GZZ–SH10–44B < 5ZA0 >
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37271MF-XXXSP
MITSUBISHI ELECTRIC
Mask ROM number
Date :
Supervisor
signature
Section head
signature
*
Customer
Company
name
Date
issued
Date :
TEL
(
)
Note : Please fill in all items marked *.
Submitted by
Supervisor
* 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on
this data. We shall assume the responsibility for errors only if the mask ROM data on the products we produce
differs from this data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
27C101
EPROM address
0000016
Product name
ASCII code :
‘M37271MF –’
0000F16
0FFFF16
Set “FF16” in the shaded area.
Write the ASCII codes that indicates the product name of “M37271MF–” to addresses 0000
(1)
(2)
EPROM type (indicate the type used)
0100016
OSD ROM
1E43F16
* 2. Mark specification
Mark specification must be submitted using the correct form for the type package being ordered fill out the appropriate
mark specification form (52P4B for M37271MF-XXXSP) and attach to the mask ROM confirmation form.
Do you set “FF16” in the shaded area ?
Do you write the ASCII codes that indicates the product
name of “M37271MF–” to addresses 0000 16 to 000F16 ?
EPROM data check item (Refer the EPROM data and check “
” in the appropriate box)
→ Yes
→ Yes
q
q
1080016
data
ROM 60K bytes
16
to 000F16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com