Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 57 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 57 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
57
Fig. 65. Relation between field determination flag and display font
Both HSYNC signal and VSYNC signal are negative-polarity input
Field
Even
Odd
Field
determination
flag(Note)
Display dot line
selection bit
Display dot line
0 (T2 > T1)
1 (T3 < T2)
0
1
0
1
When using the field determination flag, be sure to set bit 0 of the PWM mode register 1 (address 020A 16) to “0.”
T2
T3
Character ROM font configuration diagram
Dot line 0
Dot line 1
Odd
Dot line 0
Dot line 1
(n–1) field
(Odd-numbered)
T1
0.25 to 0.50[ms] at
f(XIN) = 8 MHz
CC mode · EXOSD mode
13
57
9
11
13
15
1
3
5
7
9
11
13
15
17
19
21
23
25
26
24
22
20
18
16
14
12
10
8
6
4
2
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
17
19
20
18
16
14
12
10
8
6
4
2
13
5
7
9
11
13
15
2
4
6
8
10
12
14
16
OSD mode
HSYNC
VSYNC and
VSYNC
control
signal
in microcom-
puter
Upper :
VSYNC signal
Lower :
VSYNC control
signal in
micro-
computer
(n) field
(Even-numbered)
(n+1) field
(Odd-numbered)
When the display dot line selection bit is “0,”
the “
” font is displayed at even field, the
“
” font is displayed at odd field. Bit 7 of the
I/O polarity control register can be read as the
field determination flag : “1” is read at odd field,
“0” is read at even field.
Note : The field determination flag changes at a rising edge of the V SYNC control signal (negative-polarity input) in
the microcomputer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com