Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 74 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 74 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
74
(15) OSD Output Pin Control
The OSD output pins R, G, B, and OUT1 can also function as ports
P52, P53, P54 and P55. Set the corresponding bit of the OSD port
control register (address 00CB16) to “0” to specify these pins as OSD
output pins, or set it to “1” to specify it as a general-purpose port P5
pins. The OUT2, I1, and I2 can also function as port P10, P15, P16.
Set the corresponding bit of the port P1 direction register (address
00C316) to “1” (output mode). After that, switch between the OSD
output function and the port function by the OSD port control regis-
ter. Set the corresponding bit to “1” to specify the pin as OSD output
pin, or set it to “0” to specify as port P1 pin.
The input polarity of the HSYNC, VSYNC and output polarity of signals
R, G, B, I1, I2, OUT1 and OUT2 can be specified with the I/O polarity
control register (address 021716) . Set a bit to “0” to specify positive
polarity; set it to “1” to specify negative polarity (refer to Figure 64).
The structure of the OSD port control register is shown in Figure 83.
Fig. 83. Structure of OSD port control register
70
0
OSD port control register
(PF : address 00CB16)
Port P15 output signal selection bit
0 : Port P15 output
1 : I1 signal output
Port P16 output signal selection bit
0 : Port P16 output
1 : I2 signal output
Port P52 output signal selection bit
0 : R signal output
1 : Port P52 output
Port P53 output signal selection bit
0 : G signal output
1 : Port P53 output
Port P54 output signal selection bit
0 : B signal output
1 : Port P54 output
Port P55 output signal selection bit
0 : OUT1 signal output
1 : Port P55 output
Port P10 output signal selection bit
0 : Port P10 output
1 : OUT2 signal output
Fix this bit to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com