Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
6
Apply voltage of 5 V ± 10 % (typical) to VCC and AVCC, and 0 V to VSS.
This is connected to VSS.
To enter the reset state, the reset input pin must be kept at a “L” for 2
µs or more (under
normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this “L” condition should
be maintained for the required time.
This chip has an internal clock generating circuit. To control generating frequency, an
external ceramic resonator or a quartz-crystal oscillator is connected between pins XIN and
XOUT. If an external clock is used, the clock source should be connected to the XIN pin and
the XOUT pin should be left open.
Port P0 is an 8-bit I/O port with direction register allowing each I/O bit to be individually
programmed as input or output. At reset, this port is set to input mode. The output structure
of P03 is CMOS output, that of P00–P02 and P04–P07 are N-channel open-drain output.
The note out of this Table gives a full of port P0 function.
Pins P00–P02 and P04–P07 are also used as PWM output pins PWM4–PWM6 and PWM0–
PWM3 respectively. The output structure is N-channel open-drain output.
Port P1 is an 8-bit I/O port and has basically the same functions as port P0. The output
structure of P10 and P15–P17 is CMOS output, that of P11–P14 is N-channel open-drain
output.
Pins P10, P15, P16 are also used as OSD output pins OUT2, I1, I2 respectively. The output
structure is CMOS output.
Pins P11–P14 are used as SCL1, SCL2, SDA1 and SDA2 respectively, when multi-master
I2C-BUS interface is used. The output structure is N-channel open-drain output.
P17 pin is also used as serial I/O data input pin SIN.
Port P2 is an 8-bit I/O port and has basically the same functions as port P0. The output
structure is CMOS output.
Pins P24–P26 are also used as analog input pins AD3–AD1 respectively.
Ports P30 and P31 are a 2-bit I/O port and has basically the same functions as port P0. The
output structure is CMOS output.
Ports P40–P46 are a 7-bit input port.
P40 pin is also used as analog input pin AD4.
Pins P41, P44 are also used as external interrupt input INT2, INT1.
Pins P42 and P43 are also used as external clock input pins TIM2, TIM3 respectively.
P45 pin is used as serial I/O data output pin SOUT. The output structure is N-channel open-
drain output.
P46 pin is used as serial I/O synchronizing clock input/output pin SCLK. The output struc-
ture is N-channel open-drain output.
Ports P52–P55 are a 4-bit output port. The output structure is CMOS output.
Pins P52–P55 are also used as OSD output pins R, G, B, OUT1 respectively.
PIN DESCRIPTION
Pin
Name
Name
Input/
Output
Power source
CNVSS
Reset input
Clock input
Clock output
I/O port P0
PWM output
I/O port P1
OSD output
Multi-master
I2C-BUS interface
Serial I/O data
input
I/O port P2
Analog input
I/O port P3
Input port P4
Analog input
External interrupt
input
External clock input
Serial I/O data
output
Serial I/O
synchronizing clock
input/output
Output port P5
OSD output
VCC,
AVCC,
VSS.
CNVSS
_____
RESET
XIN
XOUT
P00/PWM4–
P02/PWM6,
P03,
P04/PWM0–
P07/PWM3
P10/OUT2,
P11/SCL1,
P12/SCL2,
P13/SDA1,
P14/SDA2,
P15/I1,
P16/I2/INT3,
P17/SIN
P20–P23
P24/AD3–
P26/AD1,
P27
P30, P31
P40/AD4,
P41/INT2,
P42/TIM2,
P43/TIM3,
P44/INT1,
P45/SOUT,
P46/SCLK,
P52/R,P53/G,
P54/B,
P55/OUT1
Input
Input
Output
I/O
Output
I/O
Output
Output
Input
I/O
Input
I/O
Input
Input
Input
Input
Output
I/O
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com