Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 162 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 162 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 164Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
FLUSHFIFO
The FLUSHFIFO bit is written with 1 to flush the receive FIFO. The FIFO pointer is
reset and the RXPKTRDY bit is cleared. The FLUSHFIFO bit has no effect unless
RXPKTRDY bit is set. If double-buffering is enabled, the FLUSHFIFO bit may need
to be written twice to completely clear the FIFO. The FLUSHFIFO bit is cleared
automatically.
0 – Normal operation.
1 – Flush the transmit FIFO and reset the RXPKTRDY bit.
SENDSTALL
The Send STALL Handshake bit is set by software to issue a STALL handshake.
Software must clear this bit to terminate the STALL condition. This bit is ignored for
Isochronous end-points.
0 – Normal operation.
1 – STALL condition.
SENTSTALL
The Sent STALL Handshake bit is set when a STALL handshake is transmitted.
Software clears this bit to detect the next STALL handshake.
0 – No STALL handshake since the bit was last cleared.
1 – STALL handshake transmitted.
CLRDATATOG
The Clear Data Toggle bit is written with 1 to reset the endpoint data toggle to 0.
0 – Normal operation.
1 – Write 1 to reset endpoint data toggle to 0.
ISO
The Isochronous Transfer bit specifies whether the Bulk/Interrupt or Isochronous
transfer type is used.
0 – Bulk/Interrupt transfer type.
1 – Isochronous transfer type.
AUTOCLEAR
The Automatic Clear bit is set by software to enable a mode in which the
RXPKTRDY bit is automatically cleared when data of the maximum packet size
(value in RXMAXP register) has been unloaded from the receive FIFO. If a packet of
less than the maximum packet size is unloaded, then the RXPKTRDY bit must be
set explicitly by software.
0 – Normal mode.
1 – Automatically clear RXPKTRDY when maximum packet size packet is unloaded
from the receive FIFO.
Host Mode Format
7
6
5
4
3
2
1
0
DATAERROR
CLRDATATOG
RXSTALL
REQPKT
FLUSHFIFO
ERROR
FIFOFULL
RXPKTRDY
NAKTIMEOUT
15
14
13
12
11
10
8
AUTOCLEAR
AUTOREQ
Reserved
RXPKTRDY
The Receive Packet Ready bit is set when a data packet has been received in the
FIFO. Software should clear this bit when the FIFO is unloaded to detect the next
packet. An interrupt is asserted (if enabled) when this bit is set.
0 – No packet in receive FIFO.
1 – Data packet in FIFO, ready to unload.
FIFOFULL
The FIFO Full bit is set when no more packets can be loaded into the receive FIFO.
0 – Receive FIFO is empty.
1 – Receive FIFO is full.
162
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com