Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 159 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 159 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
FLUSHFIFO
The FLUSHFIFO bit is written with 1 to flush the transmit FIFO. The FIFO pointer is
reset and the TXPKTRDY bit is cleared. The FLUSHFIFO bit has no effect unless
TXPKTRDY bit is set. If double-buffering is enabled, the FLUSHFIFO bit may need to
be written twice to completely clear the FIFO. The FLUSHFIFO bit is cleared
automatically.
0 – Normal operation.
1 – Flush the transmit FIFO and clear the TXPKTRDY bit.
SENDSTALL
The Send STALL Handshake bit is set to send a STALL handshake in response to an
IN token. Software must clear this bit to terminate the STALL condition. This bit is
ignored when the endpoint is used for isochronous transfers.
0 – Normal operation.
1 – STALL condition.
SENTSTALL
The Sent STALL Handshake bit is set when a STALL handshake is transmitted. Also,
the transmit FIFO is flushed, and the TXPKTRDY bit is cleared. Software clears this
bit to detect the next STALL handshake.
0 – No STALL handshake since the bit was last cleared.
1 – STALL handshake transmitted.
CLRDATATOG
The Clear Data Toggle bit is written with 1 to reset the endpoint data toggle to 0.
0 – Normal operation.
1 – Write 1 to reset endpoint data toggle to 0.
FRCDATATOG
The Force Data Toggle bit is written with 1 to force the endpoint data toggle to switch
and the data packet to be cleared from the FIFO, without regard to whether an ACK
was received. This can be used by Interrupt transmit endpoints that are used to
communicate rate feedback for Isochronous endpoints.
0 – Normal operation.
1 – Write 1 to force endpoint data to toggle.
ISO
The Isochronous Transfer bit specifies whether the Bulk/Interrupt or Isochronous
transfer type is used.
0 – Bulk/Interrupt transfer type.
1 – Isochronous transfer type.
AUTOSET
The Automatic Set bit is set by software to enable a mode in which the TXPKTRDY
bit is automatically set when data of the maximum packet size (value in TXMAXP
register) is loaded in the transmit FIFO. If a packet of less than the maximum packet
size is loaded, then the TXPKTRDY bit must be set explicitly by software. The
TXPKTRDY bit is also automatically set when the first of two packets in the transmit
FIFO has been sent and the second packet is the maximum packet size.
0 – Normal mode.
1 – Automatically set TXPKTRDY when maximum packet size packet is loaded into
the transmit FIFO.
Host Mode Format
7
6
5
4
3
2
1
0
NAKTIMEOUT
CLRDATATOG
RXSTALL
Reserved
FLUSHFIFO
ERROR
FIFONOTEMPTY
TXPKTRDY
15
14
13
12
11
10
9
8
AUTOSET
Reserved
FRCDATATOG
Reserved
TXPKTRDY
The Transmit Packet Ready bit is set by software after loading a data packet into the
FIFO. The bit is cleared automatically when the data packet has been transmitted. An
interrupt is asserted (if enabled) when this bit is cleared.
0 – No packet in transmit FIFO.
1 – Data packet in FIFO, ready to transmit.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
159
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com