Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 156 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 156 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
SENTSTALL
The Sent STALL Handshake bit is set when a STALL handshake is
transmitted. Software clears this bit to detect the next STALL handshake.
0 – No STALL handshake since the bit was last cleared.
1 – STALL handshake transmitted.
DATAEND
The Data End bit is set by software under three circumstances: when setting
the TXPKTRDY bit for the last data packet, when clearing the RXPKTRDY bit
after unloading the last data packet, or when setting the TXPKTRDY bit for a
zero-length data packet. The bit is cleared automatically.
0 – Not the end of the data.
1 – Last or zero-length data packet.
SETUPEND
The Setup End bit is set when a control transaction ends before the DATAEND
bit has been set. An interrupt will be asserted and the FIFO flushed at this time.
The bit is cleared by writing a 1 to the SERVICEDSETUPEND bit.
0 – No unexpected end of control transaction.
1 – Unexpected end of control transaction.
SENDSTALL
The Send STALL Handshake bit is written with 1 to terminate the current
transaction. The STALL handshake will be transmitted, and then this bit will be
cleared automatically.
0 – Normal operation.
1 – Write 1 to send the STALL handshake.
SERVICEDRXPKTRDY The Serviced Receive Packet Ready bit is written with 1 to clear the
RXPKTRDY bit. The SERVICEDRXPKTRDY bit is cleared automatically.
0 – Normal state.
1 – Write 1 to clear the RXPKTRDY bit.
SERVICEDSETUPEND The Serviced Setup End bit is written with 1 to clear the SETUPEND bit. The
SERVICEDSETUPEND bit is cleared automatically.
0 – Normal state.
1 – Write 1 to clear the SETUPEND bit.
FLUSHFIFO
The Flush FIFO bit is written with 1 to flush the Endpoint 0 FIFO. The FIFO
pointer is reset and the TXPKTRDY/RXPKTRDY bit is cleared. The
FLUSHFIFO bit has no effect unless TXPKTRDY/RXPKTRDY bit is set. The
FLUSHFIFO bit is cleared automatically.
0 – Normal operation.
1 – Flush the Endpoint 0 FIFO and clear the TXPKTRDY/RXPKTRDY bit.
Host Mode Format
15
9
8
7
6
5
4
3
2
1
0
NAKTIME
STATUS
SETUP
Reserved
FLUSHFIFO
REQPKT
ERROR
RXSTALL
TXPKTRDY
RXPKTRDY
OUT
PKT
PKT
RXPKTRDY
The Receive Packet Ready bit is set when a data packet has been received. An
interrupt is asserted (if enabled) when this bit is set. Software clears this bit after
unloading the packet from the FIFO to detect the next packet.
0 – No data packet received.
1 – Data packet received.
TXPKTRDY
The Transmit Packet Ready bit is set by software after loading a data packet into the
FIFO. The bit is cleared automatically when the data packet has been transmitted. An
interrupt is asserted (if enabled) when this bit is cleared.
0 – No packet in transmit FIFO.
1 – Data packet in FIFO, ready to transmit.
156
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com