Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 158 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 158 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
7
5M M4
0
Reserved
LIMIT
LIMIT
The Limit field specifies the Endpoint 0 timeout. A value of 0 or 1 disables the timeout function.
Values from 2 to 16 (decimal) enable the timeout function. Values above 16 are reserved.
21.3.16 Transmit Maximum Packet Size Register (TXMAXP)
The TXMAXP register is a 16-bit, read/write register that specifies the maximum amount of data that can
be transferred through the selected transmit endpoint in a single frame. This value must comply with the
constraints placed by the USB Specification on packet sizes for Bulk, Interrupt and Isochronous
transactions in full-speed operations. The value should match the wMaxPacketSize field of the Standard
Endpoint Descriptor for the associated endpoint (see Universal Serial Bus Specification Revision 2.0,
Chapter 9). A mismatch could cause unexpected results. The value written to this register must not
exceed the transmit FIFO size. If the value written to this register is less than, or equal to, half the transmit
FIFO size, two packets can be buffered. If this register is changed after packets have been sent from the
endpoint, then the endpoint FIFO should be completely flushed (using the FLUSHFIFO bit in the TXCSR
register) after writing the new value to the TXMAXP register. There is a TXMAXP register for each
transmit endpoint (except Endpoint 0). At reset, this register is cleared to 0000h.
15
11M M10
0
Reserved
MAXSIZE
MAXSIZE
The Maximum Packet Size field specifies (in bytes) the maximum payload transmitted in a
single transaction. Valid values for this field are 8, 16, 32, and 64 (decimal).
21.3.17 Transmit Control and Status Register (TXCSR)
The TXCSR register is a 16-bit, read/write register that provides control and status bits for the associated
endpoint (except Endpoint 0). It has different formats in Peripheral and Host modes. After reset, this
register is initialized to 2000h.
Peripheral Mode Format
7
6
5
4
3
2
1
0
Reserved
CLRDATATOG
SENTSTALL
SENDSTALL
FLUSHFIFO
UNDERRUN
FIFONOTEMPTY
TXPKTRDY
15
14
13
12
11
10
9
8
AUTOSET
ISO
Reserved
FRCDATATOG
Reserved
TXPKTRDY
The Transmit Packet Ready bit is set by software after loading a data packet into the
FIFO. The bit is cleared automatically when the data packet has been transmitted. An
interrupt is asserted (if enabled) when this bit is cleared.
0 – No packet in transmit FIFO.
1 – Data packet in FIFO, ready to transmit.
FIFONOTEMPTY The FIFO Not Empty bit indicates that there is at least one packet in the transmit
FIFO.
0 – Transmit FIFO is empty.
1 – Transmit FIFO is not empty.
UNDERRUN
The Transmit Underrun bit is set when an IN token is received if the TXPKTRDY bit is
clear. Software clears the UNDERRUN bit to detect the next underrun event.
0 – No underrun event detected since the bit was last cleared.
1 – Underrun event detected.
158
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com