Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 132 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 132 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
20.10.1 Codec Basic Configuration Register (TCBCBASIC)
The TCDCBASIC register is a 16-bit read/write register that controls the basic operation of the codec. At
reset, this register is cleared to 0000h.
7
6
5 4
2
1
0
MUTEL
DACOSR
DACSTMODE
ADC2ON
ADC1ON
15
14
13
12
11
10
9
8
DFS
AFS
FLSDAC
FLSADC
Reserved
SEM
MUTER
ADC1ON
The ADC1 On bit controls whether ADC1 is enabled to run. When written with 1, ADC1
begins its power-up sequence. Check the ADC1UP bit in the TCDCIRQPNDCLR
register to determine whether ADC1 has completed its power-up sequence.
0 – ADC1 disabled.
1 – ADC1 enabled.
ADC2ON
The ADC2 On bit controls whether ADC2 is enabled to run. When written with 1, ADC2
begins its power-up sequence. Check the ADC2UP bit in the TCDCIRQPNDCLR
register to determine whether ADC2 has completed its power-up sequence.
0 – ADC2 disabled.
1 – ADC2 enabled.
DACSTMODE
The DAC Sidetone Mode field controls the basic function of the DAC, sidetone input,
and output stage. The sidetone is taken from ADC1.
DACSTMODE FIELD
LEFT CHANNEL
RIGHT CHANNEL
000
Off
Off
001
Left
Right
010
Left
Off
011
Left + Sidetone
Off
100
Left + Sidetone
Left
101
Left + Sidetone
Right
110
Left
Right + Sidetone
111
Left + Sidetone
Right + Sidetone
DOCOSR
The DAC Oversampling Rate field selects 32×, 64×, 125×, or 128× oversampling rate
for the stereo DAC. Note that the ADCs have a fixed oversampling rate of 125×.
00 – 125×
01 – 128×
10 – 64×
11 – 32×
MUTEL
The Mute Left-Channel DAC bit controls whether the left-channel DAC will be muted
after the next zero-crossing occurs.
0 – Left-channel DAC mute off.
1 – Left-channel DAC mute enabled.
MUTER
The Mute Right-Channel DAC bit controls whether the right-channel DAC will be muted
after the next zero-crossing occurs.
0 – Right-channel DAC mute off.
1 – Right-channel DAC mute enabled.
SEN
The Status Enable bit controls the clock for the bus interface. When the bus interface is
driven with a clock, the power-up and power-down interrupts for the ADCs and DACs
may be used.
0 – Bus interface clocks disabled.
1 – Bus interface clocks enabled.
132
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com