Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 16 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 16 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 12Page - Xmos Ltd. XM014034B Datasheet HTML 13Page - Xmos Ltd. XM014034B Datasheet HTML 14Page - Xmos Ltd. XM014034B Datasheet HTML 15Page - Xmos Ltd. XM014034B Datasheet HTML 16Page - Xmos Ltd. XM014034B Datasheet HTML 17Page - Xmos Ltd. XM014034B Datasheet HTML 18Page - Xmos Ltd. XM014034B Datasheet HTML 19Page - Xmos Ltd. XM014034B Datasheet HTML 20Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
XU6--QF6A Datasheet
on port D. If the clock is required on other tiles, then the clock should be routed to one-bit
ports on those tiles over the PCB. An output divider (Appendix D. ) can be programmed
in even steps.
xCore Tile 1
X1D11
PORT_1D
Secondary PLL
disabled
xCore Tile 1
X1D11
PORT_1D
Secondary PLL
used for app
xCore device
xCore device
Figure :
Secondary
PLL
connectivity.
The secondary PLL is congured using the register documented in Appendix D. . The
output frequency of the secondary PLL is
Fpll2 = Fpll2in ×
F + 1
2
×
1
R + 1
×
1
OD + 1
OD
, F and R must be chosen so that 0 ≤ R ≤ 63, 1 ≤ F ≤ 8191, 0 ≤ OD ≤ 7, and
360
MHz ≤ Fpll2in × F+1
2
×
1
R+1 ≤ 1800MHz. A
ag allows the user to choose between
two input frequencies, Fpll2in can be set to either the oscillator (Fosc) or the output of
the core PLL (Fcore).
The secondary PLL has an optional fractional divider (Appendix D.6). When enabled, the
fractional divider will count a period of input clocks, and over part of this period it will
cause the secondary PLL to use a divider F + 1 rather than F . The period p and fraction
f
are set through the control register for the fractional divider, and will result in an output
frequency:
Fpll2 = Fpll2in ×
F + 1 +
f +1
p+1
2
×
1
R + 1
×
1
OD + 1
The use of fractional control adds exibility to create arbitrary frequencies at the expense
of extra jitter. The fractional divider only works for f < p.
.
Oscillator circuit
The device has an on-chip oscillator. To use this, you need to connect a crystal, two
capacitors, and damping and feedback resistors to the device as shown in Figure
.
Instead of using a crystal, you can supply a V8 clock input on the XIN pin. The clock
must be running when the chip gets out of reset.
Cl2
Cl1
XIN
XIN
XOUT
XOUT
xCORE
1v8
Oscillator
Rd
N.C.
xCORE
Rf
Figure
:
Example
circuits using
a crystal (left),
or external
oscillator
(right).
Rf
should be MΩ. Calculation of Cl1, Cl2 and Rd are beyond the scope of this datasheet,
and we recommend that you use a crystal with characteristics as specied in Table .
These have an ESR of at most 6 Ohm, have a load capacitance of
pF, and all resonate
at their fundamental frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com