Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 44 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 44 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 40Page - Xmos Ltd. XM014034B Datasheet HTML 41Page - Xmos Ltd. XM014034B Datasheet HTML 42Page - Xmos Ltd. XM014034B Datasheet HTML 43Page - Xmos Ltd. XM014034B Datasheet HTML 44Page - Xmos Ltd. XM014034B Datasheet HTML 45Page - Xmos Ltd. XM014034B Datasheet HTML 46Page - Xmos Ltd. XM014034B Datasheet HTML 47Page - Xmos Ltd. XM014034B Datasheet HTML 48Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
XU6--QF6A Datasheet
Bits
Perm
Init
Description
Identier
RW
Disables write permission on this register
SECUR_CFG_DISABLE_ACCESS
:
RO
-
Reserved
RW
Disable access to XCore’s global debug
SECUR_CFG_DISABLE_GLOBAL_DEBUG
:
RO
-
Reserved
RW
Disable read access to OTP.
SECUR_CFG_OTP_READ_LOCK
8
RW
Prevent access to OTP SBPI interface to prevent programming and
other functions.
SECUR_CFG_OTP_PROGRAM_DISABLE
RW
Combine OTP into a single address-space for reading.
SECUR_CFG_OTP_COMBINED
6
RO
-
Reserved
RW
Override boot mode and read boot image from OTP SECUR_CFG_SECURE_BOOT
RW
Disable JTAG access to the PLL/BOOT conguration registers
SECUR_CFG_DISABLE_PLL_JTAG
:
RO
-
Reserved
RW
Disable access to XCore’s JTAG debug TAP
SECUR_CFG_DISABLE_XCORE_JTAG
x:
Security
conguration
B.6 Ring Oscillator Control
RING_OSC_CTRL 0x06
There are four free-running oscillators that clock four counters. The oscillators can be
started and stopped using this register. The counters should only be read when the ring
oscillator has been stopped for at least
core clock cycles (this can be achieved by
inserting two nop instructions between the SETPS and GETPS). The counter values can
be read using two subsequent registers. The ring oscillators are asynchronous to the
xCORE tile clock and can be used as a source of random bits.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Core ring oscillator enable.
RING_OSC_CORE_ENABLE
RW
Set to to enable the core peripheral ring oscillator.
RING_OSC_PERPH_ENABLE
x6:
Ring Oscillator
Control
B.
Ring Oscillator Value
RING_OSC_DATA0 0x07
This register contains the current count of the xCORE Tile Cell ring oscillator. This value
is not reset on a system reset.
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RO
Ring oscillator Counter data.
RING_OSC_DATA
x:
Ring Oscillator
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com