Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 65 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 65 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 61Page - Xmos Ltd. XM014034B Datasheet HTML 62Page - Xmos Ltd. XM014034B Datasheet HTML 63Page - Xmos Ltd. XM014034B Datasheet HTML 64Page - Xmos Ltd. XM014034B Datasheet HTML 65Page - Xmos Ltd. XM014034B Datasheet HTML 66Page - Xmos Ltd. XM014034B Datasheet HTML 67Page - Xmos Ltd. XM014034B Datasheet HTML 68Page - Xmos Ltd. XM014034B Datasheet HTML 69Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
XU6--QF6A Datasheet
D.
Reserved.
XCORE1_GLOBAL_DEBUG_CONFIG 0x11
Reserved.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Reserved.
GLOBAL_DEBUG_ENABLE_GLOBAL_DEBUG_REQ
RW
Reserved.
GLOBAL_DEBUG_ENABLE_INDEBUG
x:
Reserved.
D.6 Secondary PLL Fractional N Divider SS_APP_PLL_FRAC_N_DIVIDER 0x12
Controls an optional fractional N Divider on the secondary PLL. When enabled, the mul-
tiplier F for the secondary PLL will effectively become F + f+1
p+1 , f must be less than p.
This is achieved by running the PLL with a divider F for the rst part of the fractional
period, and then F + 1 for the remainder of the period. The period is measured in input
clocks divided by R + 1.
Bits
Perm
Init
Description
Identier
DW
When set to , the secondary PLL will be a fractional N divided PLL
SS_FRAC_N_ENABLE
:6
RO
-
Reserved
:8
DW
The f value for the fractional divider. The number of clock cycles in the
period that a divider F + 1 is used is f + 1.
SS_FRAC_N_F_HIGH_CYC_CNT
:
DW
The p value for the fractional divider. The period over which the frac-
tional N divider oscillates between F and F + 1 is p + 1
SS_FRAC_N_PERIOD_CYC_CNT
x:
Secondary
PLL Fractional
N Divider
D.
Debug source
GLOBAL_DEBUG_SOURCE 0x1F
Contains the source of the most recent debug event.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Reserved.
GLOBAL_DEBUG_SOURCE_EXTERNAL_PAD_INDEBUG
:
RO
-
Reserved
RW
If set, XCore is the source of last GlobalDebug event.
GLOBAL_DEBUG_SOURCE_XCORE1_INDEBUG
RW
If set, XCore is the source of last GlobalDebug event.
GLOBAL_DEBUG_SOURCE_XCORE0_INDEBUG
xF:
Debug source
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com