Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 1 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 1 Page - Xmos Ltd.

  XM014034B Datasheet HTML 1Page - Xmos Ltd. XM014034B Datasheet HTML 2Page - Xmos Ltd. XM014034B Datasheet HTML 3Page - Xmos Ltd. XM014034B Datasheet HTML 4Page - Xmos Ltd. XM014034B Datasheet HTML 5Page - Xmos Ltd. XM014034B Datasheet HTML 6Page - Xmos Ltd. XM014034B Datasheet HTML 7Page - Xmos Ltd. XM014034B Datasheet HTML 8Page - Xmos Ltd. XM014034B Datasheet HTML 9Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
XU6--QF6A Datasheet
Publication Date:
/6/
Document Number: XMB


Similar Part No. - XM014034B

ManufacturerPart #DatasheetDescription
logo
Xmos Ltd.
XM014035B XMOS-XM014035B Datasheet
2Mb / 101P
XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
2021/7/15
More results

Similar Description - XM014034B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
logo
AMIC Technology
AP160 AMICC-AP160 Datasheet
677Kb / 25P
8-BIT MICROCONTROLLER WITH 8KB OTP
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Generalplus Technology ...
GPM8F3132A GENERALPLUS-GPM8F3132A Datasheet
2Mb / 114P
44-Pin 8-bit Microcontroller with 32/16/8KB Flash Memory
GPM8F3232A GENERALPLUS-GPM8F3232A Datasheet
1Mb / 90P
44/28/24 Pin 8-bit Microcontroller with 32/16/8KB Flash
logo
Xmos Ltd.
XU316-1024-FB265 XMOS-XU316-1024-FB265 Datasheet
2Mb / 101P
XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
2021/7/15
XU316-1024-QF60B XMOS-XU316-1024-QF60B Datasheet
2Mb / 83P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
2021/06/25
XU316-1024-TQ128 XMOS-XU316-1024-TQ128 Datasheet
3Mb / 99P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
2022/09/28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com