Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 32 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 32 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 28Page - Xmos Ltd. XM014034B Datasheet HTML 29Page - Xmos Ltd. XM014034B Datasheet HTML 30Page - Xmos Ltd. XM014034B Datasheet HTML 31Page - Xmos Ltd. XM014034B Datasheet HTML 32Page - Xmos Ltd. XM014034B Datasheet HTML 33Page - Xmos Ltd. XM014034B Datasheet HTML 34Page - Xmos Ltd. XM014034B Datasheet HTML 35Page - Xmos Ltd. XM014034B Datasheet HTML 36Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
XU6--QF6A Datasheet
.
DC Characteristics - VDDIO=V8
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
V(IH)
Input high voltage
.6 x VDDIO
VDDIO + .
V
A
V(IL)
Input low voltage
-.
.
x VDDIO
V
A
V(T+)
Hysteresis threshold
up
. x VDDIO
. x VDDIO
V
B
V(T-)
Hysteresis threshold
down
. x VDDIO
.6 x VDDIO
V
B
V(HYS)
Input hysteresis
voltage
. x VDDIO
. x VDDIO
V
B
V(OH)
Output high voltage
.
V
C
V(OL)
Output low voltage
.
V
C
I(PU)
Internal pull-up
current (Vin=V)
-
µA
D
I(PD)
Internal pull-down
current (Vin=VDDIO)
µA
D
I(LC)
Input leakage current
nA
Ci
Input capacitance
6
pF
Figure
:
DC character-
istics
A All pins except power supply pins.
B When Schmitt-Trigger enabled
C Measured with mA drivers sourcing mA.
D
Used to guarantee logic state for an I/O when high impedance. The internal pull-ups/pull-downs should not be
used to pull external circuitry. In order to pull the pin to the opposite state, a K resistor is recommended to
overome the internal pull current.
10
20
30
40
50
0.5
1.0
1.5
I(PD) current, uA
0.0
0
-40
-30
-20
-10
0
0.5
1.0
1.5
I(PU) current, uA
0.0
-50
Figure
:
Typical
internal
pull-down and
pull-up
currents at
V8
.
ESD Stress Voltage
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
HBM
Human body model
-
V
CDM
Charged Device Model
-
V
Figure
:
ESD stress
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com