Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 72 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 72 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 68Page - Xmos Ltd. XM014034B Datasheet HTML 69Page - Xmos Ltd. XM014034B Datasheet HTML 70Page - Xmos Ltd. XM014034B Datasheet HTML 71Page - Xmos Ltd. XM014034B Datasheet HTML 72Page - Xmos Ltd. XM014034B Datasheet HTML 73Page - Xmos Ltd. XM014034B Datasheet HTML 74Page - Xmos Ltd. XM014034B Datasheet HTML 75Page - Xmos Ltd. XM014034B Datasheet HTML 76Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
XU6--QF6A Datasheet
E
Resources and their conguration
This section documents how many of each resources are present, and how the SETC
instruction is used to congure the resource. For all other information on resources,
please refer to the XS ISA specication.
The SETC operand is a number with the following bit elds that have been organised so
that frequently used modes can be encoded in an immediate 6-bit operand.
..6
Reserved
..
Long mode setting
..
Value
..
Mode setting, set to x to denote a long mode.
The meaning of the bits is resource dependent.
E.
Ports
There are:
6 -bit ports
-bit ports
8-bit ports
6-bit ports
-bit ports
The following controls can be set using SETC:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com