Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 34 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 34 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 30Page - Xmos Ltd. XM014034B Datasheet HTML 31Page - Xmos Ltd. XM014034B Datasheet HTML 32Page - Xmos Ltd. XM014034B Datasheet HTML 33Page - Xmos Ltd. XM014034B Datasheet HTML 34Page - Xmos Ltd. XM014034B Datasheet HTML 35Page - Xmos Ltd. XM014034B Datasheet HTML 36Page - Xmos Ltd. XM014034B Datasheet HTML 37Page - Xmos Ltd. XM014034B Datasheet HTML 38Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
XU6--QF6A Datasheet
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
f
Input frequency
8
MHz
SR(CLK)
Slew rate, clock
.
V/ns
TJ(LT)
Long term input jitter (pk-pk)
%
A, B
f(MAX)
Core clock frequency
6
MHz
C
Figure
:
Clock
A Percentage of CLK period.
B When used with an external oscillator on XIN
C Assumes typical tile and I/O voltages with nominal activity.
.8 xCORE Tile I/O AC Characteristics
The %-% rise and fall times on output pins are shown below.
Symbol
Parameter
MIN TYP MAX UNITS
Notes
Trise
Rise time of output pins
.6
.
ns
A
Tfall
Fall time of output pins
.68
.
ns
A
Figure 8:
I/O AC charac-
teristics
V8
A With a pf Load @ mA drive strength
Symbol
Parameter
MIN TYP MAX UNITS
Notes
Trise
Rise time of output pins
.88
.6 ns
A
Tfall
Fall time of output pins
.
.
ns
A
Figure
:
I/O AC charac-
teristics
V
A With a pf Load @ mA drive strength
.
xConnect Link Performance
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
B(blinkP)
b link bandwidth (packetized)
8
MBit/s
A, B
B(blinkP)
b link bandwidth (packetized)
MBit/s
A, B
B(blinkS)
b link bandwidth (streaming)
MBit/s
B
B(blinkS)
b link bandwidth (streaming)
MBit/s
B
Figure
:
Link
performance
A
Assumes
-byte packet in -byte header mode. Actual performance depends on size of the header and
payload.
B . ns symbol time.
The asynchronous nature of links means that the relative phasing of CLK clocks is not
important in a multi-clock system, providing each meets the required stability criteria.
.
JTAG Timing
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
f(TCK_D)
TCK frequency (debug)
MHz
f(TCK_B)
TCK frequency (boundary scan)
MHz
Figure
:
JTAG timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com