Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 27 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 27 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 23Page - Xmos Ltd. XM014034B Datasheet HTML 24Page - Xmos Ltd. XM014034B Datasheet HTML 25Page - Xmos Ltd. XM014034B Datasheet HTML 26Page - Xmos Ltd. XM014034B Datasheet HTML 27Page - Xmos Ltd. XM014034B Datasheet HTML 28Page - Xmos Ltd. XM014034B Datasheet HTML 29Page - Xmos Ltd. XM014034B Datasheet HTML 30Page - Xmos Ltd. XM014034B Datasheet HTML 31Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
XU6--QF6A Datasheet
Board Integration
The device has power and ground pins for different supplies. Several pins of each type
may be provided to minimize the effect of inductance within the package, all of which
must be connected.
VDD pins for the xCORE Tile. The VDD supply should be well decoupled at high frequen-
cies. Place many (at least eight)
nF low inductance multi-layer ceramic capacitors
close to the chip between the supplies and GND.
VDDIO pins for the I/O lines. Separate I/O supplies are provided for the left, bottom, top,
and right side of the package; different I/O voltages may be supplied on those. The sig-
nal description (Section ) species which I/O is powered from which power-supply.
The VDDIO supplies should be decoupled close to the chip by several
nF low in-
ductance multi-layer ceramic capacitors between the supplies and GND, for example,
one
nF
low inductance MLCCs on each supply pin.
PLL_AVDD pin for the PLL. The PLL_AVDD supply should be separated from the other
noisier supplies on the board. The PLL requires a very clean power supply, and a low
pass lter (for example, a µF multi-layer ceramic capacitor and a ferrite of 6
ohm
at
MHz and DCR < ohm, eg, Taiyo Yuden BKHLM6-T) is recommended
on this pin.
A USB_VDD8 pin for the analogue .8V supply to the USB-PHY. You can leave USB_VDD8
unconnected if USB is not used in the design.
A USB_VDD pin for the analogue .V supply to the USB-PHY. You can leave USB_VDD
unconnected if USB is not used in the design.
GND for all other supplies, including VDD and VDDIO.
All ground pins must be connected directly to the board ground. The ground side of the
decoupling capacitors should have as short a path back to the GND pins as possible. A
bulk decoupling capacitor of at least
uF should be placed on VDD and VDDIO supplies.
The power supplies must be brought up monotonically and input voltages must not ex-
ceed specication at any time.
Power sequencing is summarised in Figure
. VDDIO and VDD can ramp up indepen-
dently. In order to reduce stresses on the device, it is preferable to make them ramp up
within a short time of each other, no more than
ms apart. You must ensure that the
VDDIOL, VDDIOT, and VDDIOR domains are valid before the device is taken out of reset,
as the boot pins are on VDDIOL. If you use a single .8V VDDIO power supply, then the
on-chip power-on-reset will ensure that reset stays low until all supplies are valid. If you
use multiple power supplies, then you must either ensure that RST_N stays asserted until
the VDDIOL/R/T domains are valid, or ensure that VDDIOL/R/T are valid by the time that
VDDIOB8 and VDD are valid.
.
Differential pair signal routing and placement
If you are using the USB PHY , then you should route the differential pair marked D+ and
D- carefully in order to ensure signal integrity. The D+ and D- lines are the positive and
negative data polarities of a high speed signal respectively. Their high-speed differential
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com