Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 59 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 59 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 55Page - Xmos Ltd. XM014034B Datasheet HTML 56Page - Xmos Ltd. XM014034B Datasheet HTML 57Page - Xmos Ltd. XM014034B Datasheet HTML 58Page - Xmos Ltd. XM014034B Datasheet HTML 59Page - Xmos Ltd. XM014034B Datasheet HTML 60Page - Xmos Ltd. XM014034B Datasheet HTML 61Page - Xmos Ltd. XM014034B Datasheet HTML 62Page - Xmos Ltd. XM014034B Datasheet HTML 63Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
XU6--QF6A Datasheet
D
Node Conguration
The digital node control registers can be accessed using conguration reads and writes
(use write_node_config_reg(device, ...) and read_node_config_reg(device, ...) for
reads and writes).
The identiers for the registers needs a prex “XS1_SSWITCH_” and a postx “_NUM”, and
are declared in “xs1.h”
Number
Perm
Description
Register identier
x
RO
Device identication
DEVICE_ID0
x
RO
System switch description
DEVICE_ID1
x
RW
Switch conguration
NODE_CONFIG
x
RW
Switch node identier
NODE_ID
x6
RW
PLL settings
PLL_CTL
x
RW
System switch clock divider
CLK_DIVIDER
x8
RW
Reference clock
REF_CLK_DIVIDER
x
R
System JTAG device ID register
JTAG_DEVICE_ID
xA
R
System USERCODE register
JTAG_USERCODE
xC
RW
Directions -
DIMENSION_DIRECTION0
xD
RW
Directions 8-
DIMENSION_DIRECTION1
xE
RW
Application clock divider
SS_APP_CLK_DIVIDER
xF
RW
Secondary PLL settings
SS_APP_PLL_CTL
x
RW
Reserved
XCORE0_GLOBAL_DEBUG_CONFIG
x
RW
Reserved.
XCORE1_GLOBAL_DEBUG_CONFIG
x
RW
Secondary PLL Fractional N Divider
SS_APP_PLL_FRAC_N_DIVIDER
xF
RO
Debug source
GLOBAL_DEBUG_SOURCE
x
.. x8
RW
Link status, direction, and network
SLINK
x
.. x
RO
PLink status and network
PLINK
x8 .. x88
RW
Link conguration and initialization
XLINK
xA .. xA
RW
Static link conguration
XSTATIC
xF8
RW
USB UTMI Cong
USB_PHY_CFG0
xFA
RW
USB reset
USB_PHY_CFG2
xFC
RW
USB Shim conguration
USB_SHIM_CFG
xF
RO
USB Phy Status
USB_PHY_STATUS
Figure 8:
Summary
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com