Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 26 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 26 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 22Page - Xmos Ltd. XM014034B Datasheet HTML 23Page - Xmos Ltd. XM014034B Datasheet HTML 24Page - Xmos Ltd. XM014034B Datasheet HTML 25Page - Xmos Ltd. XM014034B Datasheet HTML 26Page - Xmos Ltd. XM014034B Datasheet HTML 27Page - Xmos Ltd. XM014034B Datasheet HTML 28Page - Xmos Ltd. XM014034B Datasheet HTML 29Page - Xmos Ltd. XM014034B Datasheet HTML 30Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
XU6--QF6A Datasheet
TDI
TDO
TCK
TMS
BS TAP
TDI
TDO
Figure
:
JTAG chain
structure
-bit DR. It also provides access to a chip TAP that in turn can access the xCORE Tile
for loading code and debugging.
The JTAG module can be reset by holding TMS high for ve clock cycles.
The JTAG device identication register can be read by using the IDCODE instruction. Its
contents are specied in Figure
.
Bit
Device Identication Register
Bit
Version
Part Number
Manufacturer Identity
6
6
Figure
:
IDCODE return
value
The JTAG usercode register can be read by using the USERCODE instruction. Its con-
tents are specied in Figure 6. The OTP User ID eld is read from bits [:] of the
OTP_JTAG_USER_WORD on xCORE Tile , see Section . (all zero on unprogrammed
devices). The OTP User ID eld is set by the boot ROM when it executes after the device
reset has been de-asserted, so its value is not available to read when the device is in
reset.
Bit
Usercode Register
Bit
OTP User ID
Silicon Revision
A
Figure 6:
USERCODE
return value
You can program the PLL and reset the device over JTAG. When IR is set to eight, the DR
value is shifted directly into the PLL settings register (Appendix D. ), which includes bits
for resetting the device and for setting the “boot-from-JTAG” bit. Note that if TCK is not
free running then at least
TCK clocks must be provided after shifting the value into
DR for the write to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com