Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 37 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 37 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 33Page - Xmos Ltd. XM014034B Datasheet HTML 34Page - Xmos Ltd. XM014034B Datasheet HTML 35Page - Xmos Ltd. XM014034B Datasheet HTML 36Page - Xmos Ltd. XM014034B Datasheet HTML 37Page - Xmos Ltd. XM014034B Datasheet HTML 38Page - Xmos Ltd. XM014034B Datasheet HTML 39Page - Xmos Ltd. XM014034B Datasheet HTML 40Page - Xmos Ltd. XM014034B Datasheet HTML 41Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
XU6--QF6A Datasheet
.
Part Marking
FCCRNTMOP
MCYYWWXX
LLLLLL.LL
F
CC
R
N
T
M
OP
MC
YYWW
XX
Wafer Lot code
- Product Family
- Number of logical cores
- RAM [in log2(kbytes)]
- Flash [in log2(Mbytes)+1]
- Optional temperature grade
- Optional speed [in 100 MHz]
- Optional programming code
- Manufacturer
- Date
- Reserved [variable length]
Figure
:
Part marking
scheme
6
Ordering Information
Please note that the numbers below are preliminary. Contact XMOS for information
about other temperature and speed ranges.
Product Code
Marking
Qualication
Speed Grade
XU6--QF6A-C
V16A0 MCYYWW.P1
Commercial
MIPS
XU6--QF6A-C
V16A0C8 MCYYWW.P1 Commercial
MIPS
Figure
:
Orderable part
numbers
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com