Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 41 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 41 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 37Page - Xmos Ltd. XM014034B Datasheet HTML 38Page - Xmos Ltd. XM014034B Datasheet HTML 39Page - Xmos Ltd. XM014034B Datasheet HTML 40Page - Xmos Ltd. XM014034B Datasheet HTML 41Page - Xmos Ltd. XM014034B Datasheet HTML 42Page - Xmos Ltd. XM014034B Datasheet HTML 43Page - Xmos Ltd. XM014034B Datasheet HTML 44Page - Xmos Ltd. XM014034B Datasheet HTML 45Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
XU6--QF6A Datasheet
B
Processor Status Conguration
The processor status control registers can be accessed directly by the processor using
processor status reads and writes (use getps(reg) and setps(reg,value) for reads and
writes).
The identiers for the registers needs a prex “XS1_PS_” and a postx “_NUM”, and are
declared in “xs1.h”
Number
Perm
Description
Register identier
x
RW
RAM base address
RAM_BASE
x
RW
Vector base address
VECTOR_BASE
x
RW
xCORE Tile control
XCORE_CTRL0
x
RO
xCORE Tile boot status
BOOT_CONFIG
x
RW
Security conguration
SECURITY_CONFIG
x6
RW
Ring Oscillator Control
RING_OSC_CTRL
x
RO
Ring Oscillator Value
RING_OSC_DATA0
x8
RO
Ring Oscillator Value
RING_OSC_DATA1
x
RO
Ring Oscillator Value
RING_OSC_DATA2
xA
RO
Ring Oscillator Value
RING_OSC_DATA3
xC
RO
RAM size
RAM_SIZE
x
DRW
Debug SSR
DBG_SSR
x
DRW
Debug SPC
DBG_SPC
x
DRW
Debug SSP
DBG_SSP
x
DRW
DGETREG operand
DBG_T_NUM
x
DRW
DGETREG operand
DBG_T_REG
x
DRW
Debug interrupt type
DBG_TYPE
x6
DRW
Debug interrupt data
DBG_DATA
x8
DRW
Debug core control
DBG_RUN_CTRL
x
.. x
DRW
Debug scratch
DBG_SCRATCH
x
.. x
DRW
Instruction breakpoint address
DBG_IBREAK_ADDR
x
.. x
DRW
Instruction breakpoint control
DBG_IBREAK_CTRL
x
.. x
DRW
Data watchpoint address
DBG_DWATCH_ADDR1
x6 .. x6
DRW
Data watchpoint address
DBG_DWATCH_ADDR2
x
.. x
DRW
Data breakpoint control register
DBG_DWATCH_CTRL
Figure
:
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com