Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 30 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 30 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 26Page - Xmos Ltd. XM014034B Datasheet HTML 27Page - Xmos Ltd. XM014034B Datasheet HTML 28Page - Xmos Ltd. XM014034B Datasheet HTML 29Page - Xmos Ltd. XM014034B Datasheet HTML 30Page - Xmos Ltd. XM014034B Datasheet HTML 31Page - Xmos Ltd. XM014034B Datasheet HTML 32Page - Xmos Ltd. XM014034B Datasheet HTML 33Page - Xmos Ltd. XM014034B Datasheet HTML 34Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
XU6--QF6A Datasheet
to achieve desired targets of heel, toe and side llets for solder-joints. The mechanical
drawings in Section
specify the dimensions and tolerances.
.
Ground and Thermal Vias
Vias under the heat slug into the ground plane of the PCB are recommended for a low
inductance ground connection and good thermal performance. Typical designs could
use 6 vias in a x grid, equally spaced across the ground paddle. In addition, you
should aim to have four VDD vias underneath each of the VDD paddles.
.
Moisture Sensitivity
XMOS devices are, like all semiconductor devices, susceptible to moisture absorption.
When removed from the sealed packaging, the devices slowly absorb moisture from the
surrounding environment. If the level of moisture present in the device is too high during
reow, damage can occur due to the increased internal vapour pressure of moisture.
Example damage can include bond wire damage, die lifting, internal or external package
cracks and/or delamination.
All XMOS devices are Moisture Sensitivity Level (MSL) - devices have a shelf life of
68 hours between removal from the packaging and reow, provided they are stored
below
C and 6% RH. If devices have exceeded these values or an included moisture
indicator card shows excessive levels of moisture, then the parts should be baked as
appropriate before use. This is based on information from Joint IPC/JEDEC Standard
For Moisture/Reow Sensitivity Classication For Nonhermetic Solid State Surface-Mount
Devices
J-STD-
Revision D.
.6 Reow
You should ensure that the board assembly process is optimised for the design; for de-
tails of the recommended reow prole, please refer to the Joint IPC/JEDEC standard
J-STD-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com