Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 77 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 77 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 73Page - Xmos Ltd. XM014034B Datasheet HTML 74Page - Xmos Ltd. XM014034B Datasheet HTML 75Page - Xmos Ltd. XM014034B Datasheet HTML 76Page - Xmos Ltd. XM014034B Datasheet HTML 77Page - Xmos Ltd. XM014034B Datasheet HTML 78Page - Xmos Ltd. XM014034B Datasheet HTML 79Page - Xmos Ltd. XM014034B Datasheet HTML 80Page - Xmos Ltd. XM014034B Datasheet HTML 81Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
XU6--QF6A Datasheet
F.
JTAG-only TAG-connect header
This header requires six test-points on the PCB with three through holes for registration,
see Figure . These connect to a TC-IDC cable from Tag-Connect, which in turn is
plugged into an XTAG. For details on the foot-print and on the cable see https://www.tag-
connect.com/. Use the following pin-out:
GND
TMS
TDI
TDO
TCK
VREF
Figure
:
Foot print for
tag-connect
header
pin : TCK
pin : GND
pin : TMS
pin : TDI
pin : VREF
pin 6: TDO
F.
JTAG-only xSYS header
Connect the following pins of the ." header:
pins , , , and to GROUND
pin to VDDIOB8 (with a decoupler)
pin to TMS
pin to TCK
pin 6 to TDO
pin 8 to TDI
pin
to RST_N
The pin-out of this header is shown in the blue section of Figure
.
F.
Full xSYS header
For a full xSYS header you will need to connect the pins as discussed in Section F. , and
then connect a -wire xCONNECT Link to the xSYS header. The pin-out of this header
is shown in Figure
.
The links can be found in the Signal description table (Section ): they are labelled XL,
XL, etc in the function column. The -wire link comprises two inputs and outputs, la-
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com