Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 66 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 66 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 62Page - Xmos Ltd. XM014034B Datasheet HTML 63Page - Xmos Ltd. XM014034B Datasheet HTML 64Page - Xmos Ltd. XM014034B Datasheet HTML 65Page - Xmos Ltd. XM014034B Datasheet HTML 66Page - Xmos Ltd. XM014034B Datasheet HTML 67Page - Xmos Ltd. XM014034B Datasheet HTML 68Page - Xmos Ltd. XM014034B Datasheet HTML 69Page - Xmos Ltd. XM014034B Datasheet HTML 70Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
XU6--QF6A Datasheet
D.8 Link status, direction, and network
SLINK 0x20 .. 0x28
These registers contain status information for low level debugging (read-only), the net-
work number that each link belongs to, and the direction that each link is part of. The
registers control links ...
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RO
Identify the SRC_TARGET type
- SLink,
- PLink,
- SSCTL,
-
Undene.
SLINK_SRC_TARGET_TYPE
:6
RO
When the link is in use, this is the destination link number to which all
packets are sent.
SLINK_SRC_TARGET_ID
:
RO
-
Reserved
:8
RW
The direction that this link operates in.
LINK_DIRECTION
:6
RO
-
Reserved
:
RW
Determines the network to which this link belongs, reset as .
LINK_NETWORK
RO
-
Reserved
RO
when the current packet is considered junk and will be thrown away.
LINK_JUNK
RO
when the dest side of the link is in use.
LINK_DST_INUSE
RO
when the source side of the link is in use.
LINK_SRC_INUSE
x
.. x8:
Link status,
direction, and
network
D.
PLink status and network
PLINK 0x40 .. 0x47
These registers contain status information and the network number that each processor-
link belongs to.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com