Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 3 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 3 Page - Xmos Ltd.

  XM014034B Datasheet HTML 1Page - Xmos Ltd. XM014034B Datasheet HTML 2Page - Xmos Ltd. XM014034B Datasheet HTML 3Page - Xmos Ltd. XM014034B Datasheet HTML 4Page - Xmos Ltd. XM014034B Datasheet HTML 5Page - Xmos Ltd. XM014034B Datasheet HTML 6Page - Xmos Ltd. XM014034B Datasheet HTML 7Page - Xmos Ltd. XM014034B Datasheet HTML 8Page - Xmos Ltd. XM014034B Datasheet HTML 9Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
XU6--QF6A Datasheet
xCORE Multicore Microcontrollers
The xcore.ai series is a comprehensive range of
-bit multicore microcontrollers that
brings the low latency and timing determinism of the xCORE architecture to mainstream
embedded applications. Unlike conventional microcontrollers, xCORE multicore micro-
controllers execute multiple real-time tasks simultaneously and communicate between
tasks using a high speed network. Because xCORE multicore microcontrollers are com-
pletely deterministic when executing from internal memory, you can write software to
implement functions that traditionally require dedicated hardware.
X0Dxx
I/O pins
xTIME
scheduler
Hardware response ports
core
PLL
app
PLL
JTAG
X1Dxx
I/O pins
xTIME
scheduler
Hardware response ports
Internal
SRAM
OTP
ALU (FP + int)
Vector unit
Internal
SRAM
OTP
ALU (FP + int)
Vector unit
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
Figure :
XU6--
QF6A block
diagram
Key features of the XU6--QF6A include:
Tiles
: Devices consist of one or more xCORE tiles. Each tile contains between ve and
eight
-bit logical cores with highly integrated I/O and on-chip memory.
Logical cores
Each logical core can execute tasks such as computational code, DSP
code, Floating point operations, Vector operationns, control software (including logic
decisions and executing a state machine) or software that handles I/O. Section 6.
xTIME scheduler
The xTIME scheduler performs functions similar to an RTOS, in hard-
ware. It services and synchronizes events in a core, so there is no requirement for in-
terrupt handler routines. The xTIME scheduler triggers cores on events generated by
hardware resources such as the I/O pins, communication channels and timers. Once
triggered, a core runs independently and concurrently to other cores, until it pauses to
wait for more events. Section 6.
Channels and channel ends
Tasks running on logical cores communicate using chan-
nels formed between two channel ends. Data can be passed synchronously or asyn-
chronously between the channel ends assigned to the communicating tasks. Section
6.
xCONNECT Switch and Links
Between tiles, channel communications are implemented
over a high performance network of xCONNECT Links and routed through a hardware
xCONNECT Switch. Section 6.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com