Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 52 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 52 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 48Page - Xmos Ltd. XM014034B Datasheet HTML 49Page - Xmos Ltd. XM014034B Datasheet HTML 50Page - Xmos Ltd. XM014034B Datasheet HTML 51Page - Xmos Ltd. XM014034B Datasheet HTML 52Page - Xmos Ltd. XM014034B Datasheet HTML 53Page - Xmos Ltd. XM014034B Datasheet HTML 54Page - Xmos Ltd. XM014034B Datasheet HTML 55Page - Xmos Ltd. XM014034B Datasheet HTML 56Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
XU6--QF6A Datasheet
C
Tile Conguration
The xCORE Tile control registers can be accessed using conguration reads and writes
(use write_tile_config_reg(tileref, ...) and read_tile_config_reg(tileref, ...) for
reads and writes).
The identiers for the registers needs a prex “XS1_PSWITCH_” and a postx “_NUM”, and
are declared in “xs1.h”
Number
Perm
Description
Register identier
x
CRO
Device identication
DEVICE_ID0
x
CRO
xCORE Tile description
DEVICE_ID1
x
CRO
xCORE Tile description
DEVICE_ID2
x
CRW
PSwitch permissions
DBG_CTRL
x
CRW
Cause debug interrupts
DBG_INT
x6
CRW
xCORE Tile clock divider
PLL_CLK_DIVIDER
x
CRO
Security conguration
SECU_CONFIG
x
.. x
CRW
Debug scratch
DBG_SCRATCH
x
CRO
PC of logical core
T0_PC
x
CRO
PC of logical core
T1_PC
x
CRO
PC of logical core
T2_PC
x
CRO
PC of logical core
T3_PC
x
CRO
PC of logical core
T4_PC
x
CRO
PC of logical core
T5_PC
x6
CRO
PC of logical core 6
T6_PC
x
CRO
PC of logical core
T7_PC
x6
CRO
SR of logical core
T0_SR
x6
CRO
SR of logical core
T1_SR
x6
CRO
SR of logical core
T2_SR
x6
CRO
SR of logical core
T3_SR
x6
CRO
SR of logical core
T4_SR
x6
CRO
SR of logical core
T5_SR
x66
CRO
SR of logical core 6
T6_SR
x6
CRO
SR of logical core
T7_SR
Figure
:
Summary
C.
Device identication
DEVICE_ID0 0x00
This register identies the xCORE Tile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com