Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014034B Datasheet(PDF) 18 Page - Xmos Ltd.

Part # XM014034B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014034B Datasheet(HTML) 18 Page - Xmos Ltd.

Back Button XM014034B Datasheet HTML 14Page - Xmos Ltd. XM014034B Datasheet HTML 15Page - Xmos Ltd. XM014034B Datasheet HTML 16Page - Xmos Ltd. XM014034B Datasheet HTML 17Page - Xmos Ltd. XM014034B Datasheet HTML 18Page - Xmos Ltd. XM014034B Datasheet HTML 19Page - Xmos Ltd. XM014034B Datasheet HTML 20Page - Xmos Ltd. XM014034B Datasheet HTML 21Page - Xmos Ltd. XM014034B Datasheet HTML 22Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
XU6--QF6A Datasheet
When the device comes out of reset, the processor will attempt to boot within a very short
period of time. If booting from external ash, ensure that there is enough time between
before RST_N coming up for the external ash to settle.
An independent watchdog runs from the input clock pin XIN. It can be set to take the
chip into reset when the watchdog has not been updated or cleared in time. The
-
bit watchdog timer with a 6-bit divider provides accuracies of between input clock and
66 input clocks, and a time-out of between input clock and 68,,6 input clocks
(just over
seconds with a
MHz input crystal). The watchdog is set-up through the
watchdog registers (Appendix D.6-D. )
Boot Procedure
The xCORE Tile Tile boot procedure is illustrated in Figure . If the secure-boot bit of the
security register (which resides at pre-dened locations in OTP, see Section . ) is set,
the device boots from OTP. Otherwise it boots from external device(s) according to boot
source pin values XD, XD, and XD6 (see Figure ). The boot pins are sampled
shortly after reset with the internal weak pull-downs enabled on those pins. In typical
use, a boot mode other than QSPI Flash can be selected by using one or more pull-ups
on those pins. Care should be taken if other external devices are connected to this port
that the boot mode is selected correctly.
Primary Boot
Copy OTP contents
to RAM
Load RAM according
to boot source pins
secure boot
bit set?
yes
no
Start
Execute code from
base of RAM
Figure
:
Boot
procedure
XD6 XD
XD
Tile
boot
Other tiles
Enabled links
QSPI ash
Channel end
None
SPI ash
Channel end
None
SPI slave
Channel end
None
SPI slave
SPI slave
None
Channel end
Channel end
XL (w)
Figure
:
Boot source
pins
The boot image provided by an external device has the following format:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com