Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 136 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 136 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 134Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 135Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 136Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 137Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 138Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 139Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 140Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 377 page
background image
6. ADC_CONTR: AD Control register (Non bit-Addressable)
SFR name
Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
ADC_CONTR
C5H
name
ADC_POWER SPEED1 SPEED0 ADC_FLAG ADC_START
CHS2 CHS1 CHS0
ADC_POWER : When clear, shut down the power of ADC bolck. When set, turn on the power of ADC block.
ADC_FLAG : ADC interrupt flag.It will be set by the device after the device has finished a conversion, and
should be cleared by the user's software.
ADC_STRAT : ADC start bit, which enable ADC conversion.It will automatically cleared by the device after the
device has finished the conversion
IE: Interrupt Enable Rsgister (Bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IE
A8H
name
EA
EPCA_LVD EADC_SPI
ES
ET1
EX1
ET0
EX0
EA : disables all interrupts.
If EA = 0,no interrupt will be acknowledged.
If EA = 1, each interrupt source is individually enabled or disabled by setting or clearing its enable bit.
EADC_SPI : Interrupt controller of Serial Peripheral Interface (SPI) and A/D Converter (ADC).
If EADC_SPI = 0, Disable the interrupt of Serial Peripheral Interface (SPI) and A/D Converter (ADC).
If EADC_SPI = 1, Enable the interrupt of Serial Peripheral Interface (SPI) and A/D Converter (ADC).
7. Register related with PCA interrupt
CCON: PCA Control Register (bit-Addressable)
SFR name Address
bit
B7
B6B5
B4
B3
B2B1B0
CCON
D8H
name
CF
CR
-
-
CCF3
CCF2
CCF1
CCF0
CF : PCA Counter Overflow flag. Set by hardware when the counter rolls over. CF flags an interrupt if bit ECF
in CMOD is set. CF may be set by either hardware or software but can only be cleared by software.
CR : PCA Counter Run control bit. Set by software to turn the PCA counter on. Must be cleared by software to
turn the PCA counter off.
CCF3: PCA Module 3 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by
software.
CCF2: PCA Module 2 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by
software.
CCF1: PCA Module 1 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by
software.
CCF0: PCA Module 0 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by
software.
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com