Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 134 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 134 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 134Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 135Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 136Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 137Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 138Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 377 page
background image
4. SCON register: Serial Port 1 (UART1) Control Register (Bit-Addressable)
SFR name
Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
SCON
98H
name
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
FE: Framing Error bit. The SMOD0 bit must be set to enable access to the FE bit
0: The FE bit is not cleared by valid frames but should be cleared by software.
1: This bit set by the receiver when an invalid stop bit id detected.
SM0,SM1 : Serial Port Mode Bit 0/1.
SM0
SM1
Description
Baud rate
0
0
8-bit shift register
SYSclk/12
0
1
8-bit UART
variable
1
0
9-bit UART
SYSclk/64 or SYSclk/32(SMOD=1)
1
1
9-bit UART
variable
SM2 : Enable the automatic address recognition feature in mode 2 and 3. If SM2=1, RI will not be
set unless the received 9th data bit is 1, indicating an address, and the received byte is a
Given or Broadcast address. In mode1, if SM2=1 then RI will not be set unless a valid stop
Bit was received, and the received byte is a Given or Broadcast address. In mode 0, SM2 should be 0.
REN : When set enables serial reception.
TB8 : The 9th data bit which will be transmitted in mode 2 and 3.
RB8 : In mode 2 and 3, the received 9th data bit will go into this bit.
TI : Transmit interrupt flag. Set by hardware when a byte of data has been transmitted by UART0 (after the 8th
bit in 8-bit UART Mode, or at the beginning of the STOP bit in 9-bit UART Mode). When the UART0 in-
terrupt is enabled, setting this bit causes the CPU to vector to the UART0 interrupt service routine. This bit
must be cleared manually by software.
RI : Receive interrupt flag. Set to ‘1’ by hardware when a byte of data has been received by UART0 (set at the
STOP bit sam-pling time). When the UART0 interrupt is enabled, setting this bit to ‘1’ causes the CPU to
vector to the UART0 interrupt service routine. This bit must be cleared manually by software.
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com