Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 130 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 130 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 126Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 134Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 377 page
background image
IE: Interrupt Enable Rsgister (Bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IE
A8H
name
EA
EPCA_LVD EADC_SPI
ES
ET1
EX1
ET0
EX0
Enable Bit = 1 enables the interrupt .
Enable Bit = 0 disables it .
EA (IE.7): disables all interrupts. If EA = 0,no interrupt will be acknowledged. If EA = 1, each interrupt source is
individually enabled or disabled by setting or clearing its enable bit.
EPCA_LVD (IE.6): Interrupt controller of Programmable Counter Array (PCA) and Low-Voltage Detector.
0 : Disable the interrupt of Programmable Counter Array (PCA) and Low-Voltage Detector
1 : Enable the interrupt of Programmable Counter Array (PCA) and Low-Voltage Detector
EADC_SPI (IE.5): Interrupt controller of Serial Peripheral Interface (SPI) and A/D Converter (ADC).
0 : Disable the interrupt of Serial Peripheral Interface (SPI) and A/D Converter (ADC).
1 : Enable the interrupt of Serial Peripheral Interface (SPI) and A/D Converter (ADC).
ES (IE.4): Serial Port 1 (UART1) interrupt enable bit. If ES = 0, UART1 interrupt will be diabled. If ES = 1, UART1
interrupt is enabled.
ET1 (IE.3): Timer 1 interrupt enable bit. If ET1 = 0, Timer 1 interrupt will be diabled. If ET1 = 1, Timer 1 interrupt is
enabled.
EX1 (IE.2): External interrupt 1 enable bit. If EX1 = 0, external interrupt 1 will be diabled. If EX1 = 1, external
interrupt 1 is enabled.
ET0 (IE.1): Timer 0 interrupt enable bit. If ET0 = 0, Timer 0 interrupt will be diabled. If ET0 = 1, Timer 0 interrupt is
enabled.
EX0 (IE.0): External interrupt 0 enable bit. If EX0 = 0, external interrupt 0 will be diabled. If EX0 = 1, external
interrupt 0 is enabled.
1. Interrupt Enable control Register IE and AUXR
AUXR: Auxiliary register (Non bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
AUXR
8EH
name T0x12 T1x12 UART_M0x6 EADCI
ESPI
ELVDI
--
ELVDI : Enable/Disable interrupt from low-voltage sensor
0 : (default)Inhibit the low-voltage sensor functional block to generate interrupt to the MCU
1 : Enable the low-voltage sensor functional block to generate interrupt to the MCU
ESPI : Enable/Disable interrupt from Serial Peripheral Interface (SPI)
0 : (default)Inhibit the SPI functional block to generate interrupt to the MCU
1 : Enable the SPI functional block to generate interrupt to the MCU
EADCI : Enable/Disable interrupt from A/D converter
0 : (default) Inhibit the ADC functional block to generate interrupt to the MCU
1 : Enable the ADC functional block to generate interrupt to the MCU
UART_M0x6 : Baud rate select bit of UART1 while it is working under Mode-0
0 : The baud-rate of UART in mode 0 is SYSclk/12.
1 : The baud-rate of UART in mode 0 is SYSclk/2.
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com