Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 128 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 128 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 124Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 125Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 126Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 377 page
background image
The External Interrupts INT0 and INT1 can each be either level-activated or transition-activated, depending
on bits IT0 and IT1 in Register TCON. The flags that actually generate these interrupts are bits IE0 and IE1
in TCON. When an external interrupt is generated, the flag that generated it is cleared by the hardware when
the service routine is vectored to if and only if the interrupt was transition –activated, otherwise the external
requesting source is what controls the request flag, rather than the on-chip hardware.
The Timer 0 and Timer1 Interrupts are generated by TF0 and TF1, which are set by a rollover in their respective
Timer/Counter registers in most cases. When a timer interrupt is generated, the flag that generated it is cleared by
the on-chip hardware when the service routine is vectored to.
The Serial Port Interrupt is generated by the logical OR of RI and TI. Neither of these flags is cleared by
hardware when the service routine is vectored to. In fact, the service routine will normally have to determine
whether it was RI and TI that generated the interrupt, and the bit will have to be cleared by software.
The 2BH interrupt is shared by the logical “1” of SPI interrupt and ADC interrupt.Neither of these flags is cleared
by hardware when the service routine is vectored to. The service routine should poll them to determine which one
to request service and it will be cleared by software.
The 33H interrupt is shared by the logical “1” of PCA interrupt and LVD ( Low-Voltage Detector ) interrupt.
Neither of these flags is cleared by hardware when the service routine is vectored to. The service routine should
poll them to determine which one to request service and it will be cleared by software.
All of the bits that generate interrupts can be set or cleared by software, with the same result as though it had
been set or cleared by hardware. In other words, interrupts can be generated or pending interrupts can be canceled
in software.
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com