Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 131 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 131 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 134Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 135Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 377 page
background image
T1x12 : Timer 1 clock source bit.
0 : The clock source of Timer 1 is SYSclk/12. It will compatible to the traditional 80C51 MCU
1 : The clock source of Timer 1 is SYSclk/1. It will drive the T0 faster than a traditional 80C51 MCU
T0x12 : Timer 0 clock source bit.
0 : The clock source of Timer 0 is SYSclk/12. It will compatible to the traditional 80C51 MCU
1 : The clock source of Timer 0 is SYSclk/1. It will drive the T0 faster than a traditional 80C51 MCU
2. Interrupt Priority control Registers IP and IPH
Each interrupt source of STC12C5620AD all can be individually programmed to one of four priority levels
by setting or clearing the bits in Special Function Registers IP and IPH. A low-priority interrupt can itself be
interrupted by a high-pority interrupt, but not by another low-priority interrupt. A high-priority interrupt can’t be
interrupted by any other interrupt source.
IPH: Interrupt Priority High Register (Non bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IPH
B7H
name
-
PPCA_LVDH PADC_SPIH
PSH
PT1H
PX1H
PT0H
PX0H
IP: Interrupt Priority Register (Bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IP
B8H
name
-
PPCA_LVD PADC_SPI
PS
PT1
PX1
PT0
PX0
PPCA_LVDH, PPCA_LVD: Programmable Counter Array (PCA) and Low voltage detector interrupt priority control bits.
if PPCA_LVDH=0 and PPCA_LVD=0, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 0).
if PPCA_LVDH=0 and PPCA_LVD=1, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 1).
if PPCA_LVDH=1 and PPCA_LVD=0, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 2).
if PPCA_LVDH=1 and PPCA_LVD=1, Programmable Counter Array (PCA) and Low voltage .detector
interrupt are assigned lowest priority(priority 3).
PADC_SPIH, PADC_SPI : Serial Peripheral Interface (SPI) and A/D Converter (ADC) interrupt priority control bits.
if PADC_SPIH=0 and PADC_SPI=0, Serial Peripheral Interface (SPI) and A/D Converter (ADC)
interrupt are assigned lowest priority(priority 0).
if PADC_SPIH=0 and PADC_SPI=1, Serial Peripheral Interface (SPI) and A/D Converter (ADC)
interrupt are assigned lowest priority(priority 1).
if PADC_SPIH=1 and PADC_SPI=0, Serial Peripheral Interface (SPI) and A/D Converter (ADC)
interrupt are assigned lowest priority(priority 2).
if PADC_SPIH=1 and PADC_SPI=1, Serial Peripheral Interface (SPI) and A/D Converter (ADC)
interrupt are assigned lowest priority(priority 3).
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com