Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 132 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 132 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 134Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 135Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 136Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 377 page
background image
PX1H, PX1: External interrupt 1 priority control bits.
if PX1H=0 and PX1=0, External interrupt 1 is assigned lowest priority (priority 0).
if PX1H=0 and PX1=1, External interrupt 1 is assigned lower priority (priority 1).
if PX1H=1 and PX1=0, External interrupt 1 is assigned higher priority (priority 2).
if PX1H=1 and PX1=1, External interrupt 1 is assigned highest priority (priority 3).
PT0H, PT0: Timer 0 interrupt priority control bits.
if PT0H=0 and PT0=0, Timer 0 interrupt is assigned lowest priority (priority 0).
if PT0H=0 and PT0=1, Timer 0 interrupt is assigned lower priority (priority 1).
if PT0H=1 and PT0=0, Timer 0 interrupt is assigned higher priority (priority 2).
if PT0H=1 and PT0=1, Timer 0 interrupt is assigned highest priority (priority 3).
PX0H, PX0: External interrupt 0 priority control bits.
if PX0H=0 and PX0=0, External interrupt 0 is assigned lowest priority (priority 0).
if PX0H=0 and PX0=1, External interrupt 0 is assigned lower priority (priority 1).
if PX0H=1 and PX0=0, External interrupt 0 is assigned higher priority (priority 2).
if PX0H=1 and PX0=1, External interrupt 0 is assigned highest priority (priority 3).
PSH, PS: Serial Port 1 (UART1) interrupt priority control bits.
if PSH=0 and PS=0, UART1 interrupt is assigned lowest priority (priority 0).
if PSH=0 and PS=1, UART1 interrupt is assigned lower priority (priority 1).
if PSH=1 and PS=0, UART1 interrupt is assigned higher priority (priority 2).
if PSH=1 and PS=1, UART1 interrupt is assigned highest priority (priority 3).
PT1H, PT1: Timer 1 interrupt priority control bits.
if PT1H=0 and PT1=0, Timer 1 interrupt is assigned lowest priority (priority 0).
if PT1H=0 and PT1=1, Timer 1 interrupt is assigned lower priority (priority 1).
if PT1H=1 and PT1=0, Timer 1 interrupt is assigned higher priority (priority 2).
if PT1H=1 and PT1=1, Timer 1 interrupt is assigned highest priority (priority 3).
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com