Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 129 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 129 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 125Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 126Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 133Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 377 page
background image
6.2 Interrupt Register
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
IE
Interrupt Enable
A8H
EA EPCA_LVD EADC_SPI ES
ET1
EX1
ET0 EX0
0000 0000B
IP
Interrupt Priority
Low
B8H
- PPCA_LVD PADC_SPI PS PT1 PX1 PT0 PX0
x000 0000B
IPH
Interrupt Priority
High
B7H
- PPCA_LVDH PADC_SPIH PSH PT1H PX1H PT0H PX0H
x000 0000B
TCON
Timer Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000 0000B
SCON
Serial Control
98H
SM0/FE SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000B
AUXR
Auxiliary register
8EH
T0x12 T1x12 UART_M0x6 EADCI ESPI ELVDI
--
0000 00xxB
PCON
Power Control
87H
SMOD SMOD0 LVDF POF
GF1
GF0
PD
IDL
0011 0000B
ADC_CONTR
ADC Control
C5H
ADC_POWER SPEED1
SPEED0 ADC_FLAG
ADC_START
CHS2 CHS1 CHS0
0000 0000B
CCON
PCA Control Regis-
ter
D8H
CF
CR
-
-
CCF3 CCF2 CCF1 CCF0
00xx 0000B
CMOD
PCA Mode Register
D9H
CIDL
----
CPS1
CPS0
ECF
00xx 0000B
CCAPM0
PCA Module 0
Mode Register
DAH
-
ECOM0 CAPP0 CAPN0 MAT0 TOG0 PWM0 ECCF0
x000 0000B
CCAPM1
PCA Module 1
Mode Register
DBH
-
ECOM1 CAPP1 CAPN1 MAT1 TOG1 PWM1 ECCF1
x000 0000B
CCAPM2
PCA Module 2
Mode Register
DCH
-
ECOM2 CAPP2 CAPN2 MAT2 TOG2 PWM2 ECCF2
x000 0000B
CCAPM3
PCA Module 3
Mode Register
DDH
-
ECOM3 CAPP3 CAPN3 MAT3 TOG3 PWM3 ECCF3
x000 0000B
SPSTAT
SPI Status register
84H
SPIF WCOL
-----
-
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com