Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 197 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 197 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 193Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 194Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 195Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 196Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 197Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 198Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 199Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 200Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 201Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 377 page
background image
2. SBUF: Serial port 1 Data Buffer register (Non bit-addressable)
SFR name
Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
SBUF
99H
name
It is used as the buffer register in transmission and reception.The serial port buffer register (SBUF) is really two
buffers. Writing to SBUF loads data to be transmitted, and reading SBUF accesses received data. These are two
separate and distinct registers, the transimit write-only register, and the receive read-only register.
3. AUXR: Auxiliary register (Non bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
AUXR
8EH
name T0x12 T1x12 UART_M0x6 EADCI
ESPI
ELVDI
--
T0x12 : Timer 0 clock source bit.
0 : The clock source of Timer 0 is SYSclk/12. It will compatible to the traditional 80C51 MCU
1 : The clock source of Timer 0 is SYSclk/1. It will drive the T0 faster than a traditional 80C51 MCU
T1x12 : Timer 1 clock source bit.
0 : The clock source of Timer 1 is SYSclk/12. It will compatible to the traditional 80C51 MCU
1 : The clock source of Timer 1 is SYSclk/1. It will drive the T0 faster than a traditional 80C51 MCU
UART_M0x6 : Baud rate select bit of UART1 while it is working under Mode-0
0 : The baud-rate of UART in mode 0 is SYSclk/12.
1 : The baud-rate of UART in mode 0 is SYSclk/2.
EADCI : Enable/Disable interrupt from A/D converter
0 : (default) Inhibit the ADC functional block to generate interrupt to the MCU
1 : Enable the ADC functional block to generate interrupt to the MCU
ESPI : Enable/Disable interrupt from Serial Peripheral Interface (SPI)
0 : (default)Inhibit the SPI functional block to generate interrupt to the MCU
1 : Enable the SPI functional block to generate interrupt to the MCU
ELVDI : Enable/Disable interrupt from low-voltage sensor
0 : (default)Inhibit the low-voltage sensor functional block to generate interrupt to the MCU
1 : Enable the low-voltage sensor functional block to generate interrupt to the MCU
197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com