Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 199 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 199 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 195Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 196Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 197Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 198Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 199Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 200Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 201Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 202Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 203Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 377 page
background image
6. Registers related with UART1 interrupt : IE, IP and IPH
IE: Interrupt Enable Rsgister (Bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IE
A8H
name
EA
EPCA_LVD EADC_SPI
ES
ET1
EX1
ET0
EX0
EA : disables all interrupts.
If EA = 0,no interrupt will be acknowledged.
If EA = 1, each interrupt source is individually enabled or disabled by setting or clearing its enable bit.
ES :
Serial port 1(UART1) interrupt enable bit.
If ES = 0, Serial port (UART) interrupt will be diabled.
If ES = 1, Serial port (UART) interrupt is enabled.0
IPH: Interrupt Priority High Register (Non bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IPH
B7H
name
-
PPCA_LVDH PADC_SPIH PSH PT1H PX1H PT0H PX0H
IP: Interrupt Priority Register (Bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IP
B8H
name
-
PPCA_LVD PADC_SPI
PS
PT1
PX1
PT0
PX0
PSH, PS: Serial Port (UART) interrupt priority control bits.
if PSH=0 and PS=0, UART interrupt is assigned lowest priority (priority 0).
if PSH=0 and PS=1, UART interrupt is assigned lower priority (priority 1).
if PSH=1 and PS=0, UART interrupt is assigned higher priority (priority 2).
if PSH=1 and PS=1, UART interrupt is assigned highest priority (priority 3).
199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com