Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 200 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 200 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 196Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 197Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 198Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 199Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 200Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 201Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 202Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 203Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 204Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 377 page
background image
8.2.1 Mode 0: 8-Bit Shift Register
Mode 0, selected by writing 0s into bits SM1 and SM0 of SCON, puts the serial port into 8-bit shift register mode.
Serial data enters and exits through RXD. TXD outputs the shift clock. Eight data bits are transmitted/received
with the least-significant (LSB) first. The baud rate is fixed at 1/12 the System clock cycle in the default state. If
AUXR.5(UART_M0x6) is set, the baud rate is 1/2 System clock cycle.
Transmission is initiated by any instruction that uses SBUF as a destination register. The “write to SBUF” signal
also loads a “1” into the 9
th position of the transmit shift register and tells the TX Control block to commence a
transmission. The internal timing is such that one full system clock cycle will elapse between "write to SBUF,"
and activation of SEND.
SEND transfers the output of the shift register to the alternate output function line of P3.0, and also transfers Shift
Clock to the alternate output function line of P3.1. At the falling edge of the Shift Clock, the contents of the shift
register are shifted one position to the right.
As data bits shift out to the right, “0” come in from the left. When the MSB of the data byte is at the output
position of the shift register, then the “1” that was initially loaded into the 9
th position is just to the left of the
MSB, and all positions to the left of that contains zeroes. This condition flags the TX Control block to do one last
shift and then deactivate SEND and set TI. Both of these actions occur after "write to SBUF".
Reception is initiated by the condition REN=1 and RI=0. After that, the RX Control unit writes the bits 11111110
to the receive shift register, and in the next clock phase activates RECEIVE. RECEIVE enables SHIFT CLOCK
to the alternate output function line of P3.1.At RECEIVE is active, the contents of the receive shift register are
shifted to the left one position. The value that comes in from the right is the value that was sampled at the P3.0
pin the rising edge of Shift clock.
As data bits come in from the right, “1”s shift out to the left. When the “0” that was initially loaded into the right-
most position arrives at the left-most position in the shift register, it flags the RX Control block to do one last shift
and load SBUF. Then RECEIVE is cleared and RI is set.
8.2 UART1 Operation Modes
The serial port 1 (UART) can be operated in 4 different modes which are configured by setting SM0 and SM1
in SFR SCON. Mode 1, Mode 2 and Mode 3 are asynchronous communication. In Mode 0, UART1 is used as a
simple shift register.
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com