Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 198 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 198 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 194Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 195Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 196Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 197Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 198Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 199Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 200Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 201Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 202Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 377 page
background image
5. Power down wake-up register: WAKE_CLKO (Non bit-Addressable)
SFR name
Address bit
B7
B6
B5
B4
B3
B2
B1
B0
WAKE_CLKO
8FH name PCAWAKEUP RXD_PIN_IE T1_PIN_IE T0_PIN_IE
-
-
T1CKLO T0CKLO
PCAWAKEUP: When set and the associated-PCA interrupt control registers is configured correctly, the CEXn pin
of PCA function is enabled to wake up MCU from power-down state.
RXD_PIN_IE: When set and the associated-UART interrupt control registers is configured correctly, the RXD
pin (P3.0) is enabled to wake up MCU from power-down state.
T1_PIN_IE :
When set and the associated-Timer1 interrupt control registers is configured correctly, the T1 pin
(P3.5) is enabled to wake up MCU from power-down state.
T0_PIN_IE :
When set and the associated-Timer0 interrupt control registers is configured correctly, the T1 pin
(P3.4) is enabled to wake up MCU from power-down state.
T1CKLO :
When set, P3.5 is enabled to be the clock output of Timer 1. The clock rate is Timer 1overflow rate
divided by 2.
T0CKLO :
When set, P3.4 is enabled to be the clock output of Timer 0. The clock rate is Timer 0overflow rate
divided by 2.
4. Slave Address Control registers SADEN and SADDR
SADEN: Slave Address Mask register
SADDR: Slave Address register
SADDR register is combined with SADEN register to form Given/Broadcast Address for automatic address
recognition. In fact, SADEN function as the "mask" register for SADDR register. The following is the example
for it.
SADDR
= 1100 0000
SADEN
= 1111 1101
Given
= 1100 00x0
The Given slave address will be checked except bit 1 is
treated as "don't care".
The Broadcast Address for each slave is created by taking the logical OR of SADDR and SADEN. Zero in this
result is considered as "don't care" and a Broad cast Address of all " don't care". This disables the automatic
address detection feature.
198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com