Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 53 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics VV6501 Datasheet HTML 51Page - STMicroelectronics VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics VV6501 Datasheet HTML 56Page - STMicroelectronics VV6501 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
53/60
VV6501
Defect Categorisation
8.4
Pixel fault definitions
8.4.1
Pixel fault numbering convention
Please find the pixel notation described in
Figure 31 below. For test purpose, the 3x3 array
describes 9 Bayer pixels of a common color, that is all the pixels will either be Red, Green or Blue.
The pixel under test is X.
8.4.2
Single pixel faults
STMicroelectronics define a single pixel fail as a failing pixel with no adjacent failing neighbors of the
same colour. A single pixel fail can be a “stuck at white” where the output of the pixel is permanently
saturated regardless of the level of incident light and exposure level, a “stuck at black” where the
pixel output is zero regardless of the level of incident light and exposure level or simply a pixel that
differs from its immediate neighbors by more than the test threshold, that is differ by more than 8.0%
from pixel average of color space neighbors.
In the example below in
Figure 32, we assume that the pixel ‘X’ is a fail. This pixel is qualified as
single pixel fail if the pixels at positions [0],[1],[2],[3],[4],[5],[6] and [7] are “good” pixels that pass the
final test. The implemented test program qualifies a sensor with up to 120 single pixel faults. Defect
correction algorithms correct the single pixel faults in the final image.
Figure 31: Pixel numbering notation
Figure 32: Single pixel fault
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com