Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics VV6501 Datasheet HTML 20Page - STMicroelectronics VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics VV6501 Datasheet HTML 23Page - STMicroelectronics VV6501 Datasheet HTML 24Page - STMicroelectronics VV6501 Datasheet HTML 25Page - STMicroelectronics VV6501 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Functional Description
VV6501
22/60
3.2
Audio block
The audio amplifier is designed to drive an external ADC, possibly in the co-processor, with an
amplified audio signal taken from a FET microphone input. The 3-bit gain control and power down
for the reference are controlled via the I2C interface.
3.2.1
Co-processor support for audio
Table 8 below summarizes the audio capability of the different co-processors the VV6501 is
intended to work with.
Figure 17: VV6501 audio amplifier overview
Table 8: Co-processor support for audio
Co-processor
Audio support
Comment
STV0676
Audio 8-b digital endpoint
External ADC needed
STV0674
16 bit Sigma-Delta
501 audio output is directly AC coupled to STV0674
differential audio inputs.
STV0674 includes digital ALC and noise gate
STV0680/1
Successive approximation ADC
Low quality audio recording support
micro
+
-
+
-
+
-
Audio
Bandgap
AUDREF
MICIN
AUDGAIN[2:0]
AUDOUTP
AUDOUTN
MICBIAS
pdaudref
Digital block
x1
x1
AUD3V3
Power management
Audio amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com